Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

307C1331 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 307C1331
Description  PTCR Overcurrent Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

307C1331 Datasheet(HTML) 4 Page - Vishay Siliconix

  307C1331 Datasheet HTML 1Page - Vishay Siliconix 307C1331 Datasheet HTML 2Page - Vishay Siliconix 307C1331 Datasheet HTML 3Page - Vishay Siliconix 307C1331 Datasheet HTML 4Page - Vishay Siliconix 307C1331 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 23089
Revision 14-May-02
www.vishay.com
14
307C Overcurrent Thermistors
Vishay Cera-Mite
ceramite.support@vishay.com
PTCR Overcurrent Protection
VISHAY
HOLD (IH) TRIP (IT)
RESISTANCE SWITCH SIZE (D)
MAX.
CERA-MITE
CURRENT CURRENT
R25
TOL.
TEMP. NOMINAL VOLTAGE
PART
mA
mA
Ohms
%
°C
mm
VRMS
NUMBER
70
140
100
25
120
6.5
265
307C1418
100
200
20
20
80
8
220
307C1305
100
200
30
20
105
8
220
307C1506
110
220
18
20
80
8
220
307C1354
110
220
25
20
105
8
220
307C1514
120
240
15
20
80
8
220
307C1129
120
240
20
20
105
8
220
307C1296
120
240
25
20
120
8
220
307C1470
130
260
13
20
80
8
120
307C1421
120
240
39
30
120
8.7
250
307C1505
120
240
25
25
105
8.7
250
307C1501
150
300
12
20
90
8.7
110
307C1439
120
240
15
25
80
9.5
220
307C1465
125
250
20
20
105
9.5
220
307C1507
135
270
10
25
80
9.5
220
307C1469
150
300
10
20
105
9.5
220
307C1233
170
340
10
20
105
11.2
220
307C1234
110
220
23
20
80
14.5
300
307C1262
125
250
18
25
80
14.5
265
307C1254
Note 1
Note 2
Note 3
CUSTOM PTCR PELLET
DESIGN CAPABILITY
• Vishay Cera-Mite will customize
solid state overcurrent protector
PTCRs to your exact requirements
for telecommunication, power
supply, or general electronic
use. Providing great flexibility to
establish specific voltage, hold
current, time-trip characteristic, and
ambient temperature values.
• Each device must be evaluated
and ratings established per appli-
cation. Mechanical packaging
influences performance ratings.
Table 3
RATING CHART FOR CUSTOM PELLETS
DISC DIAMETER (2.5mm THICK) 6.5mm
8mm
9.5mm
11mm
12.5mm
14.5mm
Continuous Voltage Rating (rms)
(proportional to resistance)
100 – 300 100 – 300100 – 300 100 – 300 100 – 300 50 - 300
Resistance Range @ 25°C (ohms) 10 to 35
7 to 25
5 to 20
4 to 17
2 to 15
1 to 10
Continuous Carry Current (mA)
Ambient 25° to 50°C (inversely
60 – 120 75 – 175 100 – 200 110 – 250 130 – 400 150 – 600
proportional to resistance)
Approximate Minimum Power
to Trip or Reset (watts)
0.4
0.5
0.6
0.7
0.8
0.9
Interrupting Capability
A. Repetitive (25 to 300 V
RMS)
Peak power in watts
600
700
800
900
1000
1100
B. Non-repetitive (for 10 ohm
pellet) I
2 t Let Through
2.5
4.0
7.5
15
20
30
Maximum Safe Interrupting
Voltage (rms) (voltage rating
300
350
400
450
500
600
is proportional to resistance)
Fig P-11
WIRE LEADED PTC
TELECOM THERMISTORS
Resettable current limiters featuring
hold current and voltage ratings for
telecommunication applications.
Fig P-12
TELECOM CURRENT LIMITERS
Rated Voltage = 60Vdc; Rated Current = 3A at rated voltage.
Note 1
Hold and trip
currents specified at
25°C ambient.
Note 2
R25 is nominal zero
power resistance
(± 25%) at 25°C.
Note 3
P/N suffix describes
options including:
Tape & Reel
Wire Size
Wire Style &
Length
Lead Spacing
Coating Material
D
32mm min
4.5mm
max
LS = 5mm
5mm
max
Tinned Copper Wire
22 AWG Standard
20 AWG on D=14.5mm
Pass-Thru Pulse
PTCR
1000
10 x 1000µ sec.
± 1000V peak
Rating applies to pellets with silver electrodes and pressure connections.
TRANSIENT VOLTAGE &
CURRENT
Because of the thermal storage
capacity of the ceramic PTCR,
transient surges do not cause tripping.
The PTCR is considered to be
transparent to these low energy
transients. Fig P-11 shows a typical
test circuit for such transients.
Table 4


Similar Part No. - 307C1331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
307C1306 VISHAY-307C1306 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
307C1360 VISHAY-307C1360 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
307C1361 VISHAY-307C1361 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
307C1362 VISHAY-307C1362 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
307C1363 VISHAY-307C1363 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
More results

Similar Description - 307C1331

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
   Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
   Overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
   Overcurrent Protection
logo
STMicroelectronics
STEVAL-ISA008V1 STMICROELECTRONICS-STEVAL-ISA008V1 Datasheet
126Kb / 4P
   Overcurrent protection
November 2010 Rev 1
logo
Tyco Electronics
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
   Overcurrent Protection Device
TRF600-150-RB MACOM-TRF600-150-RB Datasheet
88Kb / 1P
   Overcurrent Protection Device
AHS080-2018 MACOM-AHS080-2018 Datasheet
35Kb / 1P
   Overcurrent Protection Device
TRF250-180S MACOM-TRF250-180S Datasheet
84Kb / 1P
   Overcurrent Protection Device
logo
Littelfuse
AGRF700 LITTELFUSE-AGRF700 Datasheet
353Kb / 2P
   Overcurrent Protection Device
AGRF1200 LITTELFUSE-AGRF1200 Datasheet
355Kb / 2P
   Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com