Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT271 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MCT271
Description  Industry Standard Single Channel 6 Pin DIP Optocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MCT271 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MCT271 Datasheet HTML 1Page - Infineon Technologies AG MCT271 Datasheet HTML 2Page - Infineon Technologies AG MCT271 Datasheet HTML 3Page - Infineon Technologies AG MCT271 Datasheet HTML 4Page - Infineon Technologies AG MCT271 Datasheet HTML 5Page - Infineon Technologies AG MCT271 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
2–53
March 27, 2000-00
DESCRIPTION
This data sheet presents five families of Infineon Industry Standard
Single Channel Phototransistor Couplers. These families include the
4N25/26/27/28 types, the 4N35/36/37/38 couplers, the H11A1/A2/
A3/A4/A5, the MCT2/2E, and MCT270/271/272/273/274/275/276/
277 devices.Each optocoupler consists of Gallium Arsenide infra-
red LED and a silicon NPN phototransistor.
These couplers are Underwriters Laboratories (UL) listed to comply
with a 5300 VRMS Isolation Test Voltage. This isolation performance
is accomplished through Infineon double molding isolation manu-
facturing process. Compliance to VDE 0884 partial discharge isola-
tion specification is available for these families by ordering option 1.
Phototransistor gain stability, in the presence of high isolation volt-
ages, is insured by incorporating a TRansparent lOn Shield
(TRIOS)® on the phototransistor substrate. These isolation pro-
cesses and the Infineon IS09001 Quality program results in the
highest isolation performance available for a commercial plastic
phototransistor optocoupler.
The devices are available in lead formed configuration suitable for
surface mounting and are available either on tape and reel, or in
standard tube shipping containers.
.010 (.25)
typ.
.114 (2.90)
.130 (3.0)
.130 (3.30)
.150 (3.81)
.031 (0.80) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.048 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
pin one ID
6
5
4
1
2
3
18
°
3
°–9°
.300–.347
(7.62–8.81)
4
°
typ.
1
2
3
6
5
4
Base
Collector
Emitter
Anode
Cathode
NC
Dimensions in Inches (mm)
DEVICE TYPES
Part No.
CTR % Min.
Part No.
CTR % Min.
4N25
20
MCT2
20
4N26
20
MCT2E
20
4N27
10
MCT270
50
4N28
10
MCT271
45–90
4N35
100
MCT272
75–150
4N36
100
MCT273
125–250
4N37
100
MCT274
225–400
4N38
10
MCT275
70–90
H11A1
50
MCT276
15–60
H11A2
20
MCT277
100
H11A3
20
H11A4
10
H11A5
30
FEATURES
• Interfaces with Common Logic Families
• Input-output Coupling Capacitance < 0.5 pF
• Industry Standard Dual-in-line 6-pin Package
• Field Effect Stable by TRIOS®
• 5300 VRMS Isolation Test Voltage
• Underwriters Laboratory File #E52744
VDE #0884 Approval Available with Option 1
APPLICATIONS
• AC Mains Detection
• Reed Relay Driving
• Switch Mode Power Supply Feedback
• Telephone Ring Detection
• Logic Ground Isolation
• Logic Coupling with High Frequency Noise
Rejection
Notes:
Designing with data sheet is covered in Application Note 45.
V
DE
PHOTOTRANSISTOR
Industry Sta ndard
Single Channel
6 Pin DIP Optocoupler


Similar Part No. - MCT271

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
MCT271 FAIRCHILD-MCT271 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
ISOCOM COMPONENTS
MCT271 ISOCOM-MCT271 Datasheet
803Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
MCT271 VISHAY-MCT271 Datasheet
201Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 19-Apr-04
logo
Fairchild Semiconductor
MCT271.300 FAIRCHILD-MCT271.300 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - MCT271

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_06 Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
logo
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC2-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11L3M FAIRCHILD-H11L3M_09 Datasheet
255Kb / 10P
   H11L1M, H11L2M, H11L3M 6-Pin DIP Optocoupler
logo
ON Semiconductor
H11N1M ONSEMI-H11N1M Datasheet
225Kb / 8P
   6-Pin DIP Schmitt Trigger Output Optocoupler
April, 2019 ??Rev. 3
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
H11L1M ONSEMI-H11L1M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com