Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

307C1338 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 307C1338
Description  PTCR Overcurrent Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

307C1338 Datasheet(HTML) 3 Page - Vishay Siliconix

  307C1338 Datasheet HTML 1Page - Vishay Siliconix 307C1338 Datasheet HTML 2Page - Vishay Siliconix 307C1338 Datasheet HTML 3Page - Vishay Siliconix 307C1338 Datasheet HTML 4Page - Vishay Siliconix 307C1338 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
13
307C Overcurrent Thermistors
Vishay Cera-Mite
Document Number: 23089
Revision 14-May-02
ceramite.support@vishay.com
PTCR Overcurrent Protection
VISHAY
HOLD (IH) TRIP (IT) RESISTANCE SWITCH SIZE (D) CERA-MITE
CURRENT CURRENT
R25
TEMP. NOMINAL
PART
mA
mA
Ohms
°C
mm
NUMBER
110
220
30
105
6.5
307C1127
100
200
15
70
8
307C1128
100
200
20
80
8
307C1126
110
220
18
80
8
307C1268
120
240
15
80
8
307C1129
140
280
15
105
8
307C1435
110
220
15
70
9.5
307C1134
130
260
15
80
9.5
307C1130
140
280
9
70
9.5
307C1436
150
300
10
80
9.5
307C1437
Note 1
Note 2
Note 3
Fig P-5
Fig P-6
PTC THERMISTORS FOR
TELECOMMUNICATIONS
PTC Thermistors provide protection
for large digital switches. Vishay Cera-
Mite has pioneered this field with
ceramic PTC thermistors working
closely with major telephone equip-
ment and telephone protection
manufacturers. The requirements are
dynamic, as switch makers continually
strive to protect at lower levels. Vishay
Cera-Mite participates with industry
standard technical committees to
establish common definitions and
understanding of this new tech-
nology.
Over-voltage
Pressure
Contact
Line
Tip
C.O.
Tip
Ground
C.O. Ring
Over-Current
Pressure
Contact
PTCR
C.O. Ring
To Battery
OV
PTCR
C.O. Tip
Leaded PTCR
PTCR
C.O. Tip
C.O. Ring
Line Ring
Line Tip
OV
PTCR
PTC THERMISTOR PELLETS FOR TELECOMMUNICATIONS
Table 2
Fig P-7
Rated Voltage = 60 V
DC
Rated Current = 3A
Maximum Voltage = 220 Vr m s
Fig P-8
Time-Trip Curves for Popular Telecom Pellets
Note 1
Hold and trip currents
are specified at
25°C ambient.
Note 2
R25 is nominal zero power
resistance at 25°C with
tolerance of ± 20%.
Note 3
All pellets have silver elec-
trodes suitable for pressure
contact mounting.
INTERRUPTING CAPACITY ESTIMATES
Under unusual circumstances, telecommunication lines may
be subjected to high surge currents as might occur from
lightning effects or accidental crossing with power lines or
transformer primaries.
Fig P-10 shows trip time curves for higher currents. Estimated
interrupting capability data is also shown in Table 3 and
is expressed as “I
2 t Let Through” based on test data
conducted in accordance with UL 497A and CSA 22.2 No.
0.7-M1985.
The data shown is for reference. Specific short circuit data or
interrupting capability is partially determined by the mounting
means and circuit application.
Fig P-9
Fig P-10
Time VS. Current Curves for High Current Surges (25°C)
D
Base
Electrode
T
Silver
Electrode
Solid Ceramic
Disc
2.5mm
Current (Amperes)
Operating Time to 50% Current
0
.05
1
1.5
2
2.5
3
307C1130
307C1129
307C1128
307C1126
307C1127
PTCR
Scope
Time
To
RL
1/2
Current (Amperes)
2
4
6
8
10
12
14
16
18
20
10,000
1,000
100
10
10 ohm, 80°C Pellets for
Diameters (mm
14.5mm
12.5mm
11.0mm
9.5mm
8.0mm
6.5mm
Variable
Voltage
Source
0-600V
60Hz
Current
Probe or
26 AWG
Pair
A = 1.5 sec.
B = 5 sec.
C = 30 min.
A
B
C
PTCR
Current
Limiter
15
85
275
Timed Interrupter
2 t Let Through
100
10
1
0.1


Similar Part No. - 307C1338

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
307C1306 VISHAY-307C1306 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
307C1360 VISHAY-307C1360 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
307C1361 VISHAY-307C1361 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
307C1362 VISHAY-307C1362 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
307C1363 VISHAY-307C1363 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
More results

Similar Description - 307C1338

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
   Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
   Overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
   Overcurrent Protection
logo
STMicroelectronics
STEVAL-ISA008V1 STMICROELECTRONICS-STEVAL-ISA008V1 Datasheet
126Kb / 4P
   Overcurrent protection
November 2010 Rev 1
logo
Tyco Electronics
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
   Overcurrent Protection Device
TRF600-150-RB MACOM-TRF600-150-RB Datasheet
88Kb / 1P
   Overcurrent Protection Device
AHS080-2018 MACOM-AHS080-2018 Datasheet
35Kb / 1P
   Overcurrent Protection Device
TRF250-180S MACOM-TRF250-180S Datasheet
84Kb / 1P
   Overcurrent Protection Device
logo
Littelfuse
AGRF700 LITTELFUSE-AGRF700 Datasheet
353Kb / 2P
   Overcurrent Protection Device
AGRF1200 LITTELFUSE-AGRF1200 Datasheet
355Kb / 2P
   Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com