Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT277 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # MCT277
Description  Industry Standard Single Channel 6 Pin DIP Optocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MCT277 Datasheet(HTML) 4 Page - Infineon Technologies AG

  MCT277 Datasheet HTML 1Page - Infineon Technologies AG MCT277 Datasheet HTML 2Page - Infineon Technologies AG MCT277 Datasheet HTML 3Page - Infineon Technologies AG MCT277 Datasheet HTML 4Page - Infineon Technologies AG MCT277 Datasheet HTML 5Page - Infineon Technologies AG MCT277 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Phototransistor, Industry Standard
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
2–56
March 27, 2000-00
MCT2/MCT2E—Characteristics TA=25°C
MCT270 through MCT277—Characteristics TA=25°C
Emitter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
1.1
1.5
V
IF=20 mA
Reverse Current
IR
——
10
µA
VR=3.0 V
Capacitance
CO
25
pF
VR=0, f=1.0 MHz
Detector
Breakdown Voltage
Collector-Emitter
BVCEO
30
——
V
IC=1.0 mA, IF=0 mA
Emitter-Collector
BVECO
7.0
——
IE=100 µA, IF=0 mA
Collector-Base
BVCBO
70
——
IC=10 µA, IF=0 mA
Leakage Current
Collector-Emitter
ICBO
5.0
50
nA
VCE=10 V, IF=0
Collector-Base
ICBO
——
20
Capacitance, Collector-Emitter
CCE
10
pF
VCE=0
Package
DC Current Transfer Ratio
CTR
20
60
%
VCE=10 V, IF=10 mA
Capacitance, Input to Output
CIO
0.5
pF
Resistance, Input to Output
RIO
100
G
Switching Time
tON, tOFF
3.0
µs
IC=2.0 mA, RL=100 Ω, VCE=10 V
Emitter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
——
1.5
V
IF=20 mA
Reverse Current
IR
——
10
µA
VR=3.0 V
Capacitance
CO
25
pF
VR=0, f=1.0 MHz
Detector
Breakdown Voltage
Collector-Emitter
BVCEO
30
——
V
IC=10 µA, IF=0 mA
Emitter-Collector
BVECO
7.0
——
IE=10 µA, IF=0 mA
Collector-Base
BVCBO
70
———
IC=10 µA, IF=0 mA
Leakage Current, Collector-Emitter
ICEO
——
50
nA
VCE=10 V, IF=0 mA
Package
DC Current Transfer Ratio
MCT270
CTR
50
——
%
VCE=10 V, IF=10 mA
MCT271
45
90
MCT272
75
150
MCT273
125
250
MCT274
225
400
MCT275
70
210
MCT276
15
60
MCT277
100
——
Current Transfer Ratio, Collector–Emitter
MCT271–276
CTRCE
12.5
——
%
VCE=0.4 V, IF=16 mA
MCT277
40
——
Collector–Emitter Saturation Voltage
VCEsat
——
0.4
V
ICE=2.0 mA, IF=16 mA
Capacitance, Input to Output
CIO
0.5
pF
Resistance, Input to Output
RIO
1012
VIO=500 VDC
Switching Time
MCT270/272
tON, tOFF ——
10
µs
IC=2.0 mA,
RL=100 Ω,
VCE=5.0 V
MCT271
——
7.0
MCT273
——
20
MCT274
——
25
MCT275/277
——
15
MCT276
——
3.5


Similar Part No. - MCT277

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
MCT277 ISOCOM-MCT277 Datasheet
803Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
MCT277 VISHAY-MCT277 Datasheet
201Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 19-Apr-04
MCT277-X009 VISHAY-MCT277-X009 Datasheet
201Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 19-Apr-04
More results

Similar Description - MCT277

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_06 Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
logo
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC2-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11L3M FAIRCHILD-H11L3M_09 Datasheet
255Kb / 10P
   H11L1M, H11L2M, H11L3M 6-Pin DIP Optocoupler
logo
ON Semiconductor
H11N1M ONSEMI-H11N1M Datasheet
225Kb / 8P
   6-Pin DIP Schmitt Trigger Output Optocoupler
April, 2019 ??Rev. 3
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
H11L1M ONSEMI-H11L1M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com