Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1129 Datasheet(PDF) 1 Page - NEC

Part # 2SA1129
Description  PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1129 Datasheet(HTML) 1 Page - NEC

  2SA1129 Datasheet HTML 1Page - NEC 2SA1129 Datasheet HTML 2Page - NEC 2SA1129 Datasheet HTML 3Page - NEC 2SA1129 Datasheet HTML 4Page - NEC 2SA1129 Datasheet HTML 5Page - NEC 2SA1129 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document No. D14856EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SA1129
PNP SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2002
The 2SA1129 is a mold power transistor developed for mid-speed
switching, and is ideal for use as a ramp driver.
FEATURES
• Large current capacity with small package: IC(DC) =
−7.0 A
• Low collector saturation voltage:
VCE(sat) =
−0.3 V MAX. @IC = −3.0 A, IB = −0.1 A
• Complementary transistor: 2SC2654
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
−30
V
Collector to emitter voltage
VCEO
−30
V
Emitter to base voltage
VEBO
−7.0
V
Collector current (DC)
IC(DC)
−7.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 300
µs,
duty cycle
≤ 10%
−15
A
Base current (DC)
IB(DC)
−3.5
A
TC = 25
°C
40
W
Total power dissipation
PT
TA = 25
°C
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
ORDERING INFORMATION
Part No.
Package
2SA1129
TO-220AB
(TO-220AB)


Similar Part No. - 2SA1129

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1129 SAVANTIC-2SA1129 Datasheet
102Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1129 JMNIC-2SA1129 Datasheet
186Kb / 3P
   Silicon PNP Power Transistors
2SA1129 JMNIC-2SA1129 Datasheet
186Kb / 3P
   Silicon PNP Power Transistors
logo
Foshan Blue Rocket Elec...
2SA1129 FOSHAN-2SA1129 Datasheet
643Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
More results

Similar Description - 2SA1129

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SB1628 RENESAS-2SB1628_15 Datasheet
249Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
NEC
2SA1897 NEC-2SA1897 Datasheet
107Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SB1628 NEC-2SB1628 Datasheet
125Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SB1578 NEC-2SB1578 Datasheet
129Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
Renesas Technology Corp
2SD2425 RENESAS-2SD2425_15 Datasheet
249Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2402 RENESAS-2SD2402_15 Datasheet
236Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2403 RENESAS-2SD2403_15 Datasheet
261Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
NEC
2SD2402 NEC-2SD2402 Datasheet
103Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2403 NEC-2SD2403 Datasheet
137Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
2SD2425 NEC-2SD2425 Datasheet
125Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com