Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85HQ Datasheet(PDF) 3 Page - International Rectifier

Part # 85HQ
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85HQ Datasheet(HTML) 3 Page - International Rectifier

  85HQ Datasheet HTML 1Page - International Rectifier 85HQ Datasheet HTML 2Page - International Rectifier 85HQ Datasheet HTML 3Page - International Rectifier 85HQ Datasheet HTML 4Page - International Rectifier 85HQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
85HQ... Series
3
Bulletin PD-2.247 rev. B 11/02
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance Z
thJC
Characteristics
Fig. 1 - Maximum Forward Voltage Drop Characteristics
0.1
1
10
100
1000
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
FM
T = 175°C
T = 125°C
T = 25°C
J
J
J
Forward Voltage Drop - V
(V)
0.001
0.01
0.1
1
10
100
1000
0
5
10 15 20 25 30 35 40 45
R
150°C
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V (V)
T = 175°C
J
100
1000
10000
0
1020304050
R
T = 25°C
J
Reverse Voltage - V (V)
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
D = 0.33
D = 0.50
D = 0.25
D = 0.17
D = 0.08
1
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
J
DM
thJC
C
2
t
1
t
P
DM
12
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T


Similar Part No. - 85HQ

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
85HQ030 NJSEMI-85HQ030 Datasheet
135Kb / 1P
   Schottky Rectifiers Single Chip Devices
85HQ030 NJSEMI-85HQ030 Datasheet
135Kb / 1P
   Schottky Rectifiers Single Chip Devices
85HQ035 NJSEMI-85HQ035 Datasheet
135Kb / 1P
   Schottky Rectifiers Single Chip Devices
85HQ035 NJSEMI-85HQ035 Datasheet
135Kb / 1P
   Schottky Rectifiers Single Chip Devices
85HQ040 NJSEMI-85HQ040 Datasheet
135Kb / 1P
   Schottky Rectifiers Single Chip Devices
More results

Similar Description - 85HQ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com