Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2890ACP-RL Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2890ACP-RL
Description  3.3 V 2.7 Gb/s Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2890ACP-RL Datasheet(HTML) 3 Page - Analog Devices

  ADN2890ACP-RL Datasheet HTML 1Page - Analog Devices ADN2890ACP-RL Datasheet HTML 2Page - Analog Devices ADN2890ACP-RL Datasheet HTML 3Page - Analog Devices ADN2890ACP-RL Datasheet HTML 4Page - Analog Devices ADN2890ACP-RL Datasheet HTML 5Page - Analog Devices ADN2890ACP-RL Datasheet HTML 6Page - Analog Devices ADN2890ACP-RL Datasheet HTML 7Page - Analog Devices ADN2890ACP-RL Datasheet HTML 8Page - Analog Devices ADN2890ACP-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADN2890
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VCC = VMIN to VMAX, VEE = 0 V, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
QUANTIZER DC CHARACTERISTICS
Input Voltage Range
1.8
2.8
V p-p
@ PIN or NIN, dc-coupled
Input Common Mode
2.1
2.7
V
DC-coupled
Peak-to-Peak Differential Input Range
2.0
V p-p
PIN − NIN, ac-coupled
Input Sensitivity
4
3
mV p-p
PIN − NIN, BER
≤ 1 × 10−10
Input Offset Voltage
100
µV
Input RMS Noise
235
µV rms
Input Resistance
50
Single-ended
Input Capacitance
0.65
pF
QUANTIZER AC CHARACTERISTICS
Input Data Rate
155
2700
Mb/s
Small Signal Gain
57
dB
Differential
S11
−10
dB
Differential, f < 2.7 GHz
S22
−10
dB
Differential, f < 2.7 GHz
Random Jitter
2.4
5
ps rms
Input > 10 mV p-p, OC-48, PRBS 223 − 1
Deterministic Jitter
13.7
19
ps p-p
Input > 10 mV p-p, OC-48, PRBS 223 − 1
Low Frequency Cutoff
30
kHz
CAZ = Open
1.0
kHz
CAZ = 0.0 1 µF
Power Supply Rejection
45
dB
100 kHz < f < 10 MHz
LOSS OF SIGNAL DETECTOR (LOS)
LOS Assert Level
0.5
2.5
4.0
mV p-p
RTHRADJ = 100 kΩ
7.0
12.0
16.0
mV p-p
RTHRADJ = 0 Ω
Hysteresis
3.0
6.0
dB
OC-3, PRBS 223 − 1, RTHRADJ = 0 Ω
2.0
3.0
dB
OC-3, PRBS 223 − 1, RTHRADJ = 10 kΩ
4.5
7.5
dB
OC-48, PRBS 223 − 1, RTHRADJ = 0 Ω
2.5
4.5
dB
OC-48, PRBS 223 − 1, RTHRADJ = 100 kΩ
LOS Assert Time
600
ns
DC-coupled
LOS De-Assert Time
100
ns
DC-coupled
RSSI
Input Current Range
5
1000
µA
RSSI Output Accuracy
15%
IIN
≤ 20 µA
10%
IIN > 20 µA
Gain
1.0
mA/mA
IRSSI/IPD
Offset
50
nA
Compliance Voltage
VCC − 1.05
VCC − 0.3
V
@ PD_CATHODE
POWER SUPPLIES
VCC
3.0
3.3
3.6
V
ICC
39
54
mA
OPERATING TEMPERATURE RANGE
−40
+25
+85
°C
TMIN to TMAX
CML OUTPUT CHARACTERISTICS
Output Impedance
50
Single-ended
Output Voltage Swing
650
700
800
V p-p
Differential
Output Rise and Fall Time
80
100
ps
20% to 80%
LOGIC INPUTS (SQUELCH)
VIH, Input High Voltage
2.0
V
VIL, Input Low Voltage
0.8
V
Input Current
−100
nA
IINH, VIN = 2.4 V
100
nA
IINL, VIN = 0.4 V


Similar Part No. - ADN2890ACP-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2890ACP-RL AD-ADN2890ACP-RL Datasheet
273Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
More results

Similar Description - ADN2890ACP-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2890 AD-ADN2890_15 Datasheet
269Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. A
ADN2890ACPZ-RL7 AD-ADN2890ACPZ-RL7 Datasheet
273Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2892 AD-ADN2892 Datasheet
237Kb / 12P
   3.3 V 4.25 Gb/s Limiting Amplifier
Rev. PrA
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com