Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

489D225X016A20V Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 489D225X016A20V
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D225X016A20V Datasheet(HTML) 7 Page - Vishay Siliconix

  489D225X016A20V Datasheet HTML 1Page - Vishay Siliconix 489D225X016A20V Datasheet HTML 2Page - Vishay Siliconix 489D225X016A20V Datasheet HTML 3Page - Vishay Siliconix 489D225X016A20V Datasheet HTML 4Page - Vishay Siliconix 489D225X016A20V Datasheet HTML 5Page - Vishay Siliconix 489D225X016A20V Datasheet HTML 6Page - Vishay Siliconix 489D225X016A20V Datasheet HTML 7Page - Vishay Siliconix 489D225X016A20V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
111
489D, 499D
Vishay Sprague
Document Number 42070
Revision 02-Aug-02
For technical questions, contact eurotant@vishay.com
GUIDE TO APPLICATION
1. AC ripple current: The maximum allowable ripple
current shall be determined from the formula:
Irms =
where
2. AC ripple current: The maximum allowable ripple
voltage shall be determined from the formula :
Vrms =
x Z , where
3. AC ripple current or voltage derating factor: If these
capacitors are to be operated at temperatures above
+25°C, the permissible rms ripple current or voltage shall
be calculated using the derating factors in the table
below:
4. Power dissipation: Power dissipation will be affected
by the heat sinking capability of the mounting surface.
Non-sinusoidal ripple current may produce heating effects
which differ from those shown in the following table. It is
important that the equivalent I
RMS value be established
when calculating permissible operating levels.
TEMPERATURE
DERATING FACTOR
+ 25°C
1.0
+ 55°C
0.9
+ 85°C
0.8
+ 125°C.
0.4
CASE
POWER DISSIPATION
CODE
@ + 25
°C (Watts)
A
0.080
B
0.090
C
0.100
D
0.110
E
0.120
F
0.130
H
0.140
M
0.150
N
0.160
R
0.180
5. Cleaning: These capacitors are compatible with all
commonly used solvents, such as TES, TMS, Prelete and
Chloretane. Solvents containing methylene chloride or other
epoxy solvents should be avoided since these will attack the
epoxy encapsulation material.
P = Power Dissipation in Watts at + 25°C as
given below
R
ESR = The capacitor Equivalent Series Resistance at
the specified frequency.
Z = The capacitor Impedance at the specified frequency.
P
R
ESR
P
R
ESR
Resin-Coated, Radial-Leaded
Solid Tantalum Capacitors


Similar Part No. - 489D225X016A20V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D VISHAY-489D Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D686X06R3D1A VISHAY-489D686X06R3D1A Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
More results

Similar Description - 489D225X016A20V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com