Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMH4042AGBKM Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMH4042AGBKM
Description  Distributed Power Hot-Swap Controller for CompactPCI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042AGBKM Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMH4042AGBKM Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4042AGBKM Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4042AGBKM Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4042AGBKM Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4042AGBKM Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042AGBKM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042AGBKM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042AGBKM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042AGBKM Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2070
9.1 5/27/03
SMH4042A
SUMMIT MICROELECTRONICS, Inc.
3
A0 (8)
Address 0 is not used by the memory array. It can be
connected to ground or left floating.
It must not be
connected VCC.
A1, A2 (10, 11)
Address inputs 1 and 2 are used to set the two-bit device
address of the memory array. The state of these inputs
will determine the device address for the memory if it is
on a two-wire bus with multiple memories with the same
device type identifier.
SCL (19)
The SCL input is used to clock data into and out of the
memory array. In the write mode, data must remain stable
while SCL is HIGH. In the read mode, data is clocked out
on the falling edge of SCL.
SDA (18)
The SDA pin is a bidirectional pin used to transfer data into
and out of the memory array. Data changing from one
state to the other may occur only when SCL is LOW,
except when generating START or STOP conditions.
SDA is an open-drain output and may be wire-ORed with
any number of open-drain outputs.
CARD_3V_MON (21)
This input monitors the card-side 3.3V supply. If the input
falls below VTRIP then the HEALTHY# and SGNL_VLD#
outputs are de-asserted and the reset outputs are driven
active.
CARD_5V_MON (25)
This input monitors the card-side 5V supply. If the input
falls below VTRIP then the HEALTHY# and SGNL_VLD#
outputs are de-asserted and the reset outputs are driven
active.
CBI_3 (24)
CBI_3 is the circuit breaker input for the low supply. With
a series resistor placed in the supply path between VCC3
and CBI_3, the circuit breaker will trip whenever the
voltage across the resistor exceeds 50mV.
CBI_5 (1)
CBI_5 is the circuit breaker input for the supply voltage.
With a series resistor placed in the supply path between
the 5V early power and CBI_5, the circuit breaker will trip
whenever the voltage across the resistor exceeds 50mV.
PIN DESCRIPTIONS
HST_3V_MON (23)
This input monitors the host 3.3V supply and it is used as
a reference for the circuit breaker comparator. If VCC3
falls below VTRIP then SGNL_VLD# is de-asserted, the
high side drivers are disabled, and LOCAL_PCI_RST# is
asserted.
ISLEW (3)
A Diode-connected NFET input. It may be used to adjust
the 250V/s default slew rate of the high-side driver
outputs.
PCI_RST# (17)
A TTL level reset input signal from the host interface. A
high to low transition (held low longer than 40ns) will
initiate a reset sequence. The LOCAL_PCI_RST# and
LOCAL_PCI_RST outputs will be driven active for a
minimum period of tPURST. If the PCI_RST# input is still
held low after tPURST times out the reset outputs will
continue to be driven until PCI_RST# is released.
PWR_EN (7)
A TTL level input that allows the host to enable or disable
the power to the individual card. During initial power up
this signal would start in a low state, and then be driven
high during software initialization. If this signal is driven
low then the power supply control outputs will be driven
into the inactive state and the reset signals asserted. In
a “non-High Availability” system this input can be tied
high.
The PWR_EN input is also used to reset the
SMH4042A circuit breakers. After an over-current condi-
tion is detected the VGATE outputs can be turned back
on by first taking PWR_EN low then returning it high.
VSEL (6)
A TTL level input used to determine which of the host
power supply inputs will be monitored for valid voltage and
reset generation. This is a static input and the pin should
be tied to VCC or ground through a resistor. VSEL is high
for 3.3V power. VSEL is low for 5V or mixed mode power.
VCC (28)
The power supply input. It is monitored for power integrity.
If it falls below the 5V sense threshold (VTRIP) and the
VSEL input is low then the SGNL_VLD# and HEALTHY#
signals are de-asserted, the high side drivers disabled,
and reset outputs asserted. On a
CompactPCI board this
must be connected to early power.


Similar Part No. - SMH4042AGBKM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGM SUMMIT-SMH4042G-AGM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGN SUMMIT-SMH4042G-AGN Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHM SUMMIT-SMH4042G-AHM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHN SUMMIT-SMH4042G-AHN Datasheet
225Kb / 28P
   Hot Swap??Controller
More results

Similar Description - SMH4042AGBKM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com