Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2404ITS Datasheet(PDF) 4 Page - Anachip Corp

Part # AM2404ITS
Description  2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM2404ITS Datasheet(HTML) 4 Page - Anachip Corp

  AM2404ITS Datasheet HTML 1Page - Anachip Corp AM2404ITS Datasheet HTML 2Page - Anachip Corp AM2404ITS Datasheet HTML 3Page - Anachip Corp AM2404ITS Datasheet HTML 4Page - Anachip Corp AM2404ITS Datasheet HTML 5Page - Anachip Corp AM2404ITS Datasheet HTML 6Page - Anachip Corp AM2404ITS Datasheet HTML 7Page - Anachip Corp AM2404ITS Datasheet HTML 8Page - Anachip Corp AM2404ITS Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC04
Anachip Corp.
www.anachip.com.tw
Rev. A2 Oct 20, 2003
4/12
ATC
Pin Descriptions
Serial Clock (SCL)
The SCL input is used to clock all data into and out
of the device.
Serial Data (SDA)
SDA is a bidirection pin used to transfer data into
and out of the device.
It is an open drain output and may be wire-ORed
with any number of open drain or open collector
outputs. Thus, the SDA bus requires a pull-up
resistor to Vcc (typical 4.7KΩ for 100KHz)
Device Address Inputs (A0, A1, A2)
The following table (Table A) shows the active pins
across the AM24LCXX device family.
Table A
Device
A0
A1
A2
AM24LC02
ADR
ADR
ADR
AM24LC04
XP
ADR
ADR
AM24LC08
XP
XP
ADR
AM24LC16
XP
XP
XP
ADR indicates the device address pin.
XP indicates that device address pin don’t care but
refers to an internal PAGE BLOCK memory
segment.
Write Protection (WP)
If WP is connected to Vcc, PROGRAM operation
onto the whole memory will not be executed. READ
operations are possible. If WP is connected to Vss,
normal memory operation is enabled, READ/WRITE
over the entire memory is possible.
Functional Description
Applications
ATC’s electrically erasable programmable read only
memories (EEPROMs) write protect function, two
write modes, three read modes, and a wide variety
of memory size. Typical applications for the I
2C bus
and
AM24LCXX
memories
are
included
in
SANs(small-area-networks),
stereos,
televisions,
automobiles and other scaled-down systems that
don't require tremendous speeds but instead cost
efficiency and design simplicity.
Endurance and Data Retention
The AM24LC04 is designed for applications
requiring up to 1M programming cycles (BYTE
WRITE and PAGE WRITE). It provides 40 years of
secure data retention without power.
Device Operation
The AM24LC04 support a bi-directional bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter and the receiving
device as the receiver. The device controlling the
transfer is the master and the device that is
controlled is the slave. The master will always
initiate data transfers and provide the clock for both
transmit and receive operations. Therefore, the
AM24LC04 is considered a slave in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH
are reserved for indicating start and stop conditions.
(Shown in Figures 1 and 2)
Start Condition
A HIGH to LOW transition of the SDA line while the
clock (SCL) is HIGH determines a START condition.
All commands must be preceded by a START
condition. (Shown in Figure 2)
Stop Condition
A LOW to HIGH transition of the SDA line while the
clock (SCL) is HIGH determines a STOP condition.
All operations must be ended with a STOP condition.
(Shown in Figure 2)


Similar Part No. - AM2404ITS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2431 TI-AM2431 Datasheet
6Mb / 316P
[Old version datasheet]   AM243x Sitara??Microcontrollers
AM2431 TI-AM2431 Datasheet
5Mb / 242P
[Old version datasheet]   AM243x Sitara??Microcontrollers
MARCH 2022
AM2431 TI-AM2431 Datasheet
6Mb / 280P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2431 TI-AM2431 Datasheet
6Mb / 282P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM2431..ALV TI-AM2431..ALV Datasheet
6Mb / 280P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
More results

Similar Description - AM2404ITS

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56A ISSI-IS93C56A Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com