Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2404ITS Datasheet(PDF) 6 Page - Anachip Corp

Part # AM2404ITS
Description  2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM2404ITS Datasheet(HTML) 6 Page - Anachip Corp

Back Button AM2404ITS Datasheet HTML 2Page - Anachip Corp AM2404ITS Datasheet HTML 3Page - Anachip Corp AM2404ITS Datasheet HTML 4Page - Anachip Corp AM2404ITS Datasheet HTML 5Page - Anachip Corp AM2404ITS Datasheet HTML 6Page - Anachip Corp AM2404ITS Datasheet HTML 7Page - Anachip Corp AM2404ITS Datasheet HTML 8Page - Anachip Corp AM2404ITS Datasheet HTML 9Page - Anachip Corp AM2404ITS Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC04
Anachip Corp.
www.anachip.com.tw
Rev. A2 Oct 20, 2003
6/12
ATC
Write Operations (Continued)
Write Protection
Programming will not take place if the WP pin of the
AM24LC04 is connected to Vcc. The AM24LC04 will
accept slave and byte addresses. But if the memory
accessed is write protected by the WP pin, the
AM24LC04 will not generate an acknowledge after
the first byte of data has been received, and thus the
programming cycle will not be started when the stop
condition is asserted.
Read Operations
Read operations are initiated in the same way as
write operations with the exception that the R/W bit
of the slave address is set to one. There are three
basic types of read operations: current address read,
random read, and sequential read.
Current Address Read
The AM24LC04 contains an address counter that
maintains the address of the last accessed word,
internally incremented by one. Therefore if the
previous access (either a read or write operation )
was to address n, the next current address read
operation would access data from address n + 1.
Upon receipt of the slave address with R/W bit set to
one, the AM24LC04 issues an acknowledge and
transmits the eight bit data word. The master will not
acknowledge the transfer but does generate a stop
condition
and
the
AM24LC04
discontinues
transmission. (Shown in Figure 6)
Random Read
Random read operations allow the master to access
any memory location in a random manner. To
perform this type of read operation, first the word
address must be set. This is done by sending the
word address to the AM24LC04 as part of a write
operation. After the word address is sent, the master
generates
a
start
condition
following
the
acknowledge. This terminates the write operation,
but not before the internal address pointer is set.
Then the master issues the control byte again but
with R/W bit set to a one. The AM24LC04 will then
issue an acknowledge and transmit the eight bit data
word. The master will not acknowledge the transfer
but does generate a stop condition and the
AM24LC04 discontinues transmission. (Shown in
Figure 7)
Sequential Read
Sequential reads are initiated by either a current
address read or a random read. After the master
receives a data word, it responds with an
acknowledge. As long as the E
2PROM receives an
acknowledge, it will continue to increment the data
words. When the memory address limit is reached,
the data word address will “roll over” and the
sequential read will continue. The sequential read
operation is terminated when the master does not
respond with a zero but does generate a following
stop condition.


Similar Part No. - AM2404ITS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2431 TI-AM2431 Datasheet
6Mb / 316P
[Old version datasheet]   AM243x Sitara??Microcontrollers
AM2431 TI-AM2431 Datasheet
5Mb / 242P
[Old version datasheet]   AM243x Sitara??Microcontrollers
MARCH 2022
AM2431 TI-AM2431 Datasheet
6Mb / 280P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2431 TI-AM2431 Datasheet
6Mb / 282P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM2431..ALV TI-AM2431..ALV Datasheet
6Mb / 280P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
More results

Similar Description - AM2404ITS

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56A ISSI-IS93C56A Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com