Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2404ITS Datasheet(PDF) 8 Page - Anachip Corp

Part # AM2404ITS
Description  2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM2404ITS Datasheet(HTML) 8 Page - Anachip Corp

Back Button AM2404ITS Datasheet HTML 4Page - Anachip Corp AM2404ITS Datasheet HTML 5Page - Anachip Corp AM2404ITS Datasheet HTML 6Page - Anachip Corp AM2404ITS Datasheet HTML 7Page - Anachip Corp AM2404ITS Datasheet HTML 8Page - Anachip Corp AM2404ITS Datasheet HTML 9Page - Anachip Corp AM2404ITS Datasheet HTML 10Page - Anachip Corp AM2404ITS Datasheet HTML 11Page - Anachip Corp AM2404ITS Datasheet HTML 12Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC04
Anachip Corp.
www.anachip.com.tw
Rev. A2 Oct 20, 2003
8/12
ATC
8
1
9
ACKNOWLEDGE
START
Figure 3. Acknowledge Response from Receiver
SCL FROM MASTER
DATA OUTPUT FROM
TRANSMITTER
DATA OUTPUT FROM
RECEIVER
DATA n
BYTE
ADDRESS
SLAVE
ADDRESS
A
C
K
A
C
K
A
C
K
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
Figure 4. Byte Write for Data
S
P
STOP
START
A
C
K
A
C
K
A
C
K
A
C
K
Figure 5. Page Write for Data
S
P
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
DATA n
BYTE
ADDRESS n
SLAVE
ADDRESS
STOP
START
DATA n+15
DATA
P
A
C
K
Figure 6. Current Address Read for Data
s
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
SLAVE
ADDRESS
STOP
START
A
C
K
NO
P
S
S
A
C
K
A
C
K
A
C
K
DATA n
Figure 7. Random Read for Data
BYTE
ADDRESS n
SLAVE
ADDRESS
STOP
START
SLAVE
ADDRESS
START
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
A
C
K
NO
S
A
C
K
DATA n
A
C
K
DATA n+1
A
C
K
DATA n+x
P
Figure 8. Sequential Read for Data
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
SLAVE
ADDRESS
START
STOP
A
C
K
NO


Similar Part No. - AM2404ITS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2431 TI-AM2431 Datasheet
6Mb / 316P
[Old version datasheet]   AM243x Sitara??Microcontrollers
AM2431 TI-AM2431 Datasheet
5Mb / 242P
[Old version datasheet]   AM243x Sitara??Microcontrollers
MARCH 2022
AM2431 TI-AM2431 Datasheet
6Mb / 280P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2431 TI-AM2431 Datasheet
6Mb / 282P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM2431..ALV TI-AM2431..ALV Datasheet
6Mb / 280P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
More results

Similar Description - AM2404ITS

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56A ISSI-IS93C56A Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com