Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMH4042ASBLM Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # SMH4042ASBLM
Description  Distributed Power Hot-Swap Controller for CompactPCI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042ASBLM Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMH4042ASBLM Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4042ASBLM Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042ASBLM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042ASBLM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042ASBLM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042ASBLM Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4042ASBLM Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4042ASBLM Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4042ASBLM Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
SMH4042A
2070
9.1 5/27/03
SUMMIT MICROELECTRONICS, Inc.
Flow Chart 1. Sequence Diagram
2070 Flow01
VCC
≥ 1V
Assert Outputs
LOCAL_PCI_RST &
LOCAL_PCI_RST#
Shut Off Signals
DRVREN#,
HEALTHY#,
SGNL_VLD#,
VGATE3 &
VGATE5
Monitor
BD_SEL1# &
BD_SEL2#
For Insertion
YES
HIGH
LOW
NO
HIGH
LOW
Monitor
VSEL
Input Level
Monitor
HOST_3V_MON
Input Level
Monitor
VCC &
HOST_3V_MON
Input Level
Turn On Signals
DRVREN#,
VGATE3 &
VGATE5
Monitor
CARD_3V_MON &
CARD_3V_MON:
≥ VTRIP?
LOW
OK
LOW
OK
Turn On
SGNL_VLD
Turn On
HEALTHY#
Start Timer
tPURST
tPURST
Timeout?
NO
YES
PCI_RST
Released?
NO
YES
Release
Resets


Similar Part No. - SMH4042ASBLM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGM SUMMIT-SMH4042G-AGM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGN SUMMIT-SMH4042G-AGN Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHM SUMMIT-SMH4042G-AHM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHN SUMMIT-SMH4042G-AHN Datasheet
225Kb / 28P
   Hot Swap??Controller
More results

Similar Description - SMH4042ASBLM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com