Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30LVT22 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30LVT22
Description  AC Line Rated Disc Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30LVT22 Datasheet(HTML) 1 Page - Vishay Siliconix

  30LVT22 Datasheet HTML 1Page - Vishay Siliconix 30LVT22 Datasheet HTML 2Page - Vishay Siliconix 30LVT22 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 23092
Revision 14-May-02
www.vishay.com
20
440L, 30LV, 30LVS, 25Y, 125L, 20VL Series
Vishay Cera-Mite
ceramite.support@vishay.com
PERFORMANCE DATA / SERIES: 440L
30LV 30LVS
25Y
125L 20VL
Application Voltage Range
250/500 300/400 250/400 250/400
250
250
(Vrms 50/60 Hz) (Note 1)
Dielectric Strength
4000
2500
2500
2500
2000 1250
(Vrms 50/60 HZ for 1 minute)
Dissipation Factor (Maximum)
2%
Insulation Resistance (Minimum)
1000
ΩF
Mechanical Data
Service Temperature 125°C Maximum;
Coating Material per UL94V0
Temperature Characteristics
Y5U
Y5U
Y5U
Y5S
Y5V Y5V
See Part Number Detail for Temperature Characteristics
AC LINE RATED CERAMIC CAPACITOR SPECIFICATIONS
Series / Recognition / Voltage
440L
30LV
30LVS
25Y
125L
20VL
Underwriters Laboratories Inc.: (Note 2)
UL 1414 Across-The-Line
Across-The-Line
Across-The-Line
UL 1414 Antenna Coupling
Antenna-Coupling Antenna-Coupling
UL 1414 Line-By-Pass
Line-By-Pass
Line-By-Pass
Line-By-Pass
Line-By-Pass
Line-By-Pass
UL 1414 Rated Voltage
250 VAC
250 VAC
250 VAC
250 VAC
250 VAC
Electromagnetic Interference Filters
EMI Filters
EMI Filters
EMI Filters
EMI Filters
EMI Filters
UL1283 Rated Voltage
600 VAC
250 VAC
250 VAC
250 VAC
250 VAC
Canadian Standards Association:
CSA 22.2 No.1 Across-The-Line
Across-The-Line
Across-The-Line
CSA 22.2 No.1 Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
CSA 22.2 No. 1 Rated Voltage
250 VAC
250 VAC
250 VAC
250 VAC
125/250 VAC
CSA 22.2 No. 8 Line-to-Ground Capacitors
Line-To-Ground
Line-To-Ground
Line-To-Ground
Line-To-Ground
For Use in Certified EMI Filters
Certified EMI Filters Certified EMI Filters Certified EMI Filters
Certified EMI Filters
CSA 22.2 No. 8 Rated Voltage
400 VAC
400 VAC
400 VAC
250 VAC
European CENELEC Electronic Components Committee (CECC) EN 132 400 to Publication IEC 384-14 Table II, Edition 2:
IEC 384 -14 Second Edition Subclass Y: (Note 3)
Y1
Y2
Y2
Y2
Y4
Subclass Y Voltage (Vrms 50-60 Hz)
500 VAC
300 VAC
250 VAC
250 VAC
125 VAC
Type of Insulation Bridged
Double or
Basic or
Basic or
Basic or
Basic or
Reinforced
Supplementary
Supplementary
Supplementary
Supplementary
Peak Impulse Voltage Before Endurance Test
8 kV
5 kV
5 kV
5 kV
2.5 kV
IEC 384-14 Second Edition Subclass X: (Note 4)
X1
X1
X1
X1
X1
X2
Subclass X Voltage (Vrms 50-60 Hz)
400 VAC
400 VAC
400 VAC
400 VAC
400 VAC
400 VAC
Peak Impulse Voltage in Service
2.5 to 4.0 kV
2.5 to 4.0 kV
2.5 to 4.0 kV
2.5 to 4.0 kV
2.5 to 4.0 kV
To 2.5 kV
Application
High Pulse
High Pulse
High Pulse
High Pulse
High Pulse
Gen. Purpose
Damp Heat, Steady State Recognition
Code HKF - 25°C/ + 125°C/21 days
SAFETY AGENCY RECOGNITION AND EMI/RFI FILTERING SUBCLASS
Note 1
Voltage Ratings: All ratings are manufacturer’s
rating.
• Part markings are governed by agency
rules and customer requirements.
• Parts are marked 250 VAC unless otherwise
requested.
Note 2
UL1414 Across-The-Line, Antenna Coupling, and
Line-By-Pass Capacitors:
• Across-The-Line—A capacitor connected
either across a supply circuit or between
one side of a supply circuit and a conductive
part that may be connected to earth ground.
• Antenna-Coupling—A capacitor connected
from an antenna terminal to circuits within an
appliance.
• Line-By-Pass—A capacitor connected between
one side of a supply circuit and an accessible
conductive part.
Note 3
IEC 384-14 Subclass Y Capacitors:
• A capacitor of a type suitable for use in situations
where failure of the capacitor could lead to
danger of electric shock.
• Class Y capacitors are divided into sub- classes
based on type of insulation bridged and voltage
ranges.
• For definitions of basic, supplementary,
double and reinforced insulation, see IEC
Publication 536.
• Subclass Y capacitors may be used in
applications which require a Subclass
X rating.
Note 4
IEC 384-14 Subclass X Capacitors:
• A capacitor of a type suitable for use
in situations where failure of the capacitor
would not lead to danger of electric
shock.
• Class X capacitors are divided into subclasses
according to the peak impulse test voltage
superimposed on the main voltage
Note 5
AC Leakage Current:
• For all Series (except 125L) - AC Leakage
Current (mA) specified at 250 Vrms, 60 Hz.
• For 125L Series - AC Leakage Current
(mA) specified at 125 Vrms, 60Hz.
Note 6
Alternate Lead Spacings of 7.5mm and 10mm
are available bulk or tape & reel.
• European Required Minimum Lead Clearance
(Prevents Use of Inside Crimp) .315" (8mm) on
440L Series; 0.118" (3mm) on all other series.
AC Line Rated Disc Capacitors
X & Y EMI/RFI FILTER TYPES: ACROSS-THE-LINE,
LINE-BY-PASS, ANTENNA COUPLING
Vishay Cera-Mite AC Line Rated Discs are rugged, high voltage capacitors specifically designed and tested
for use on 125 Volt through 600 Volt AC power sources. Certified to meet demanding X & Y type worldwide
safety agency requirements, they are applied in across-the-line, line-to-ground, and line-by-pass
Worldwide Safety Agency Recognition
- Underwriters Laboratories - UL1414 & UL1283
- Canadian Standards Association - CSA 22.2 No. 1 & No. 8
- European EN132400 to IEC 384-14 Second Edition
Required In AC Power Supply and Filter Applications
Six Families Tailored To Specific Industry Requirements
Complete Range of Capacitance Values
filtering applications. Vishay Cera-Mite offers the most
complete selection in the industry—six product families—
exactly tailored to your needs.


Similar Part No. - 30LVT22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30LVT22-R VISHAY-30LVT22-R Datasheet
169Kb / 9P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
01-Jan-2022
More results

Similar Description - 30LVT22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2 VISHAY-VY2_10 Datasheet
152Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 13-Apr-10
30LVSD47-R VISHAY-30LVSD47-R Datasheet
163Kb / 5P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
VY1 VISHAY-VY1_10 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
VY2472M49Y5US63V0 VISHAY-VY2472M49Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 08-Mar-12
30LVD22-R VISHAY-30LVD22-R Datasheet
166Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
VY1472M63Y5UQ63V0 VISHAY-VY1472M63Y5UQ63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
WKP472MCPEF VISHAY-WKP472MCPEF Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors
Revision: 19-Dec-13
440L VISHAY-440L_18 Datasheet
174Kb / 5P
   AC Line Rated Ceramic Disc Capacitors
Revision: 29-Mar-18
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 29-Mar-18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com