Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8040G3X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN8040G3X
Description  4-Channel Motor Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8040G3X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN8040G3X Datasheet HTML 2Page - Fairchild Semiconductor FAN8040G3X Datasheet HTML 3Page - Fairchild Semiconductor FAN8040G3X Datasheet HTML 4Page - Fairchild Semiconductor FAN8040G3X Datasheet HTML 5Page - Fairchild Semiconductor FAN8040G3X Datasheet HTML 6Page - Fairchild Semiconductor FAN8040G3X Datasheet HTML 7Page - Fairchild Semiconductor FAN8040G3X Datasheet HTML 8Page - Fairchild Semiconductor FAN8040G3X Datasheet HTML 9Page - Fairchild Semiconductor FAN8040G3X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FAN8040
6
Equivalent Circuits (Continued)
OP- Amplifier Input
OP- Amplifier Output
External Reference Voltage Input
1
2
2K
2K
2K
2K
27
24
25
26
50K
50K
100K
100K
100K
100K
10K


Similar Part No. - FAN8040G3X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
FAN8045G3NL FAIRCHILD-FAN8045G3NL Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
FAN8045G3X FAIRCHILD-FAN8045G3X Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
FAN8045G3XNL FAIRCHILD-FAN8045G3XNL Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
More results

Similar Description - FAN8040G3X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com