Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCD66727A03 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HCD66727A03
Description  Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HCD66727A03 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HCD66727A03 Datasheet HTML 6Page - Hitachi Semiconductor HCD66727A03 Datasheet HTML 7Page - Hitachi Semiconductor HCD66727A03 Datasheet HTML 8Page - Hitachi Semiconductor HCD66727A03 Datasheet HTML 9Page - Hitachi Semiconductor HCD66727A03 Datasheet HTML 10Page - Hitachi Semiconductor HCD66727A03 Datasheet HTML 11Page - Hitachi Semiconductor HCD66727A03 Datasheet HTML 12Page - Hitachi Semiconductor HCD66727A03 Datasheet HTML 13Page - Hitachi Semiconductor HCD66727A03 Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
HD66727
10
TCP Dimensions
COMS1/2
COM32/1
COM17/16
SEG60/1
SEG1/60
COM1/32
COM16/17
COMS2/1
Dummy
ASEG12
ASEG1
ACOMS
Dummy
0.60P
× (51-1)
= 30.0 mm
0.26P
× (109-1)
= 28.08 mm
0.26 mm
pitch
0.60mm
pitch
V
CC
V1OUT
V2OUT
V3OUT
V4OUT
V5OUT
V2
V3
V
EE
V5OUT3
V5OUT2
C1
C2
Vci
GND
V
CC
OSC2
OSC1
EXM
IM
OPOFF
TEST
RESET*
ID1/CS*
SCL
SDA
GND
AGND
VREFP
VREF
VREFM
ID0
IRQ*
KIN0
KIN1
KIN2
KIN3
KST1
KST2
KST3
KST4
KST5
KST0
KST6
KST7
LED0
LED1
LED2
PORT0
PORT1
PORT2
LCD driver outputs
I/O and power supply


Similar Part No. - HCD66727A03

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HCD66710A00 HITACHI-HCD66710A00 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HCD66712UA02 HITACHI-HCD66712UA02 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
HCD66712UA03 HITACHI-HCD66712UA03 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
HCD66712UA03BP HITACHI-HCD66712UA03BP Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
HCD66717A03 HITACHI-HCD66717A03 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
More results

Similar Description - HCD66727A03

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
logo
New Japan Radio
NJU6475B NJRC-NJU6475B Datasheet
2Mb / 45P
   12-Character 4-Line Dot Matrix Low Power LCD Controller Driver with key Scan Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com