Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD66727A04TA0L Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD66727A04TA0L
Description  Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66727A04TA0L Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD66727A04TA0L Datasheet HTML 3Page - Hitachi Semiconductor HD66727A04TA0L Datasheet HTML 4Page - Hitachi Semiconductor HD66727A04TA0L Datasheet HTML 5Page - Hitachi Semiconductor HD66727A04TA0L Datasheet HTML 6Page - Hitachi Semiconductor HD66727A04TA0L Datasheet HTML 7Page - Hitachi Semiconductor HD66727A04TA0L Datasheet HTML 8Page - Hitachi Semiconductor HD66727A04TA0L Datasheet HTML 9Page - Hitachi Semiconductor HD66727A04TA0L Datasheet HTML 10Page - Hitachi Semiconductor HD66727A04TA0L Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
HD66727
7
HD66727 Pad Coordinates
No.
Pad
Name
XY
No.
Pad
Name
XY
No.
Pad
Name
XY
No.
Pad
Name
XY
DUM1
–5446
–1244
46
KIN1
1737
–1173
88
ASEG3
4212
1191
136
SEG39/22
–1905
1196
1V
CC
–5146
–1244
47
KIN2
1904
–1173
89
ASEG4
4088
1191
137
SEG40/21
–2029
1196
2V
CC
–5022
–1244
48
KIN3
2071
–1173
90
ASEG5
3963
1191
138
SEG41/20
–2153
1196
3V
CC
–4898
–1244
49
KST0
2261
–1173
91
ASEG6
3839
1191
139
SEG42/19
–2278
1196
DUM2
–4648
–1244
50
KST1
2421
–1173
92
ASEG7
3714
1191
140
SEG43/18
–2402
1196
DUM3
–4524
–1244
51
KST2
2581
–1173
93
ASEG8
3590
1191
141
SEG44/17
–2527
1196
4
V1OUT
–4336
–1169
52
KST3
2740
–1173
94
ASEG9
3465
1191
142
SEG45/16
–2651
1196
5
V2OUT
–4216
–1169
53
KST4
2900
–1173
95
ASEG10
3341
1191
143
SEG46/15
–2776
1196
6
V3OUT
–4095
–1169
54
KST5
3060
1173
96
ASEG11
3217
1191
144
SEG47/14
–2900
1196
7
V4OUT
–3975
–1169
55
KST6
3220
–1173
97
ASEG12
3092
1191
145
SEG48/13
–3024
1196
8
V5OUT
–3855
–1169
56
KST7
3380
–1173
98
SEG1/60
2824
1196
146
SEG49/12
–3149
1196
9
VREFP
–3734
–1169
57
IRQ*
3539
–1173
99
SEG2/59
2700
1196
147
SEG50/11
–3273
1196
10
VREF
–3614
–1169
58
LED0
3716
–1173
100
SEG3/58
2575
1196
148
SEG51/10
–3398
1196
11
VREFM
–3494
–1169
59
LED1
3876
–1173
101
SEG4/57
2451
1196
149
SEG52/9
–3522
1196
12
V2
–3373
–1169
60
LED2
4036
–1173
102
SEG5/56
2326
1196
150
SEG53/8
–3647
1196
13
V3
–3253
–1169
61
PORT0
4228
–1173
103
SEG6/55
2202
1196
151
SEG54/7
–3771
1196
14
V
EE
–3106
–1168
62
PORT1
4403
–1173
104
SEG7/54
2078
1196
152
SEG55/6
–3896
1196
15
V
EE
2985
–1168
63
PORT2
4578
–1173
105
SEG8/53
1953
1196
153
SEG56/5
–4020
1196
16
V5OUT3
–2829
–1168
64
GND
4735
–1201
106
SEG9/52
1829
1196
154
SEG57/4
–4144
1196
17
V5OUT3
–2708
–1168
65
GND
4855
–1201
107
SEG10/51
1704
1196
155
SEG58/3
–4269
1196
18
V5OUT2
–2528
–1168
66
GND
5054
–1201
108
SEG11/50
1580
1196
156
SEG59/2
–4393
1196
19
V5OUT2
–2407
–1168
67
AGND
5263
–1201
109
SEG12/49
1455
1196
157
SEG60/1
–4518
1196
20
C1
–2216
–1168
DUM4
5446
–1201
110
SEG13/48
1331
1196
DUM10
–4773
1260
21
C1
–2095
–1168
68
COM16/17
5446
–1020
111
SEG14/47
1206
1196
DUM11
–4898
1260
22
C1
–1975
–1168
69
COM15/18
5446
–896
112
SEG15/46
1082
1196
DUM12
–5022
1260
23
C2
–1822
–1168
70
COM14/19
5446
–772
113
SEG16/45
958
1196
DUM13
–5146
1260
24
C2
–1701
–1168
71
COM13/20
5446
–647
114
SEG17/44
833
1196
DUM14
–5446
1260
25
C2
–1580
–1168
72
COM12/21
5446
–523
115
SEG18/43
709
1196
158
COM17/16
–5446
970
26
VCI
–1389
–1168
73
COM11/22
5446
–398
116
SEG19/42
584
1196
159
COM18/15
–5446
845
27
VCI
–1268
–1168
74
COM10/23
5446
–274
117
SEG20/41
460
1196
160
COM19/14
–5446
721
28
GND
–1083
–1168
75
COM9/24
5446
–149
118
SEG21/40
335
1196
161
COM20/13
–5446
596
29
GND
–962
–1168
76
COM8/25
5446
–25
119
SEG22/39
211
1196
162
COM21/12
–5446
472
30
V
CC
–792
–1168
77
COM7/26
5446
100
120
SEG23/38
87
1196
163
COM22/11
–5446
348
31
V
CC
–672
–1168
78
COM6/27
5446
224
121
SEG24/37
–38
1196
164
COM23/10
–5446
223
32
OSC2
–459
–1173
79
COM5/28
5446
348
122
SEG25/36
–162
1196
165
COM24/9
–5446
99
33
OSC1
–315
–1173
80
COM4/29
5446
473
123
SEG26/35
–287
1196
166
COM25/8
–5446
–26
34
EXM
–148
–1173
81
COM3/30
5446
597
124
SEG27/34
–411
1196
167
COM26/7
–5446
–150
35
OPOFF
19
–1173
82
COM2/31
5446
722
125
SEG28/33
–536
1196
168
COM27/6
–5446
–275
36
TEST
185
–1173
83
COM1/32
5446
846
126
SEG29/32
–660
1196
169
COM28/5
–5446
–399
37
RESET*
352
–1173
84
COMS2/S1
5446
971
127
SEG30/31
–785
1196
170
COM29/4
–5446
–524
38
IM
519
–1173
DUM5
5446
1246
128
SEG31/30
–909
1196
171
COM30/3
–5446
–648
39
VCCDUM1
666
–1173
DUM6
5194
1246
129
SEG32/29
–1033
1196
172
COM31/2
–5446
–772
40
ID0
789
–1173
DUM7
5070
1246
130
SEG33/28
–1158
1196
173
COM32/1
–5446
–897
41
VCCDUM2
937
–1173
DUM8
4945
1246
131
SEG34/27
–1282
1196
174
COMS1/S2
–5446
–1021
42
ID1
1059
–1173
DUM9
4821
1246
132
SEG35/26
–1407
1196
43
SCL
1226
–1173
85
ACOM1
4585
1191
133
SEG36/25
–1531
1196
44
SDA
1392
–1173
86
ASEG1
4461
1191
134
SEG37/24
–1656
1196
45
KIN0
1571
–1173
87
ASEG2
4337
1191
135
SEG38/23
–1780
1196


Similar Part No. - HD66727A04TA0L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66724 HITACHI-HD66724 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
HD66724 HITACHI-HD66724 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
HD66725 HITACHI-HD66725 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
HD66725 HITACHI-HD66725 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
HD66725 HITACHI-HD66725 Datasheet
813Kb / 95P
   112 x 80-dot Graphics LCD Controller/Driver
More results

Similar Description - HD66727A04TA0L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
logo
New Japan Radio
NJU6475B NJRC-NJU6475B Datasheet
2Mb / 45P
   12-Character 4-Line Dot Matrix Low Power LCD Controller Driver with key Scan Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com