Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD66717 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD66717
Description  Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66717 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD66717 Datasheet HTML 1Page - Hitachi Semiconductor HD66717 Datasheet HTML 2Page - Hitachi Semiconductor HD66717 Datasheet HTML 3Page - Hitachi Semiconductor HD66717 Datasheet HTML 4Page - Hitachi Semiconductor HD66717 Datasheet HTML 5Page - Hitachi Semiconductor HD66717 Datasheet HTML 6Page - Hitachi Semiconductor HD66717 Datasheet HTML 7Page - Hitachi Semiconductor HD66717 Datasheet HTML 8Page - Hitachi Semiconductor HD66717 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
HD66727
5
LCD-II Family Comparison (cont)
Item
HD66720
HD66717
HD66727
Power supply voltage
2.7V to 5.5V
2.4V to 5.5V
2.4V to 5.5V
Liquid crystal drive
voltage
3.0 to 11.0V
3.0 to 13.0V
3.0 to 13.0V
Maximum display
characters per chip
10 characters
×
1 line/
8 characters
×
2 lines
12 characters
×
1 line/2 lines/3 lines/4 lines
12 characters
×
1 line/2 lines/3 lines/4 lines
Segment display
42 (extended to 80)
40 (and 10 annunciators)
40 (and 12 annunciators)
Display duty ratio
1/9 and 1/17
1/10, 1/18, 1/26, and 1/34
1/10, 1/18, 1/26, and 1/34
CGROM
9,600 bits
(240 5-
×-8 dot
characters)
9,600 bits
(240 5-
×-8 dot
characters)
11,520 bits
(240 6-
×-8 dot
characters)
CGRAM
64 bytes
32 bytes
32 bytes
DDRAM
40 bytes
60 bytes
60 bytes
SEGRAM
16 bytes
8 bytes
8 bytes
Segment signals
42
60
60
Common signals
17
34
34
Liquid crystal drive
waveform
BB
B
Clock source
External resistor
or external clock
External resistor
or external clock
External resistor
or external clock
Rf oscillation frequency
160 kHz
± 30%
1-line mode: 40 kHz
± 30%
2-line mode: 80 kHz
± 30%
3-line mode: 120 kHz
± 30%
4-line mode: 160 kHz
± 30%
1-line mode: 40 kHz
± 30%
2-line mode: 80 kHz
± 30%
3-line mode: 120 kHz
± 30%
4-line mode: 160 kHz
± 30%
Liquid crystal voltage
booster circuit
Double or triple
booster circuit
Double or triple
booster circuit
Double or triple
booster circuit
Liquid crystal drive
operational amplifier
None
Built-in for each V1 to V5
Built-in for each V1 to V5
Bleeder-resistor for liquid
crystal drive
External
Internal 1/4 and 1/6 bias
resistors
Internal 1/4 and 1/6 bias
resistors
Liquid crystal contrast
adjuster
None
Incorporated
Incorporated
Key scan circuit
5
× 6 = 30 keys
None
4
× 8 = 32 keys
Extension driver control
signal
Independent
control signal
None
None
Reset function
Internal reset
circuit or reset input
Reset input
Reset input
Horizontal smooth scroll
Dot unit and
line unit
Impossible
Impossible
Vertical smooth scroll
Impossible
Dot (raster-row) unit
Dot (raster-row) unit
Number of displayed lines 1 or 2
1, 2, 3, or 4
1, 2, 3, or 4
Low power control
Low power mode and sleep
mode
Standby mode and
sleep mode
Standby mode and
sleep mode
Bus interface
Serial
I2C, serial, 4, or 8 bits
I2C or clock-synchronized serial
Package
100-pin QFP1420
100-pin TQFP1414
100-pin bare chip
Slim chip with/without bumps
TCP
Slim chip with/without bumps
TCP


Similar Part No. - HD66717

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD66717A03TA0 HITACHI-HD66717A03TA0 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
More results

Similar Description - HD66717

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
logo
New Japan Radio
NJU6475B NJRC-NJU6475B Datasheet
2Mb / 45P
   12-Character 4-Line Dot Matrix Low Power LCD Controller Driver with key Scan Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com