Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2069-03GI Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # MK2069-03GI
Description  VCXO-Based Clock Translator with High Multiplication
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2069-03GI Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button MK2069-03GI Datasheet HTML 5Page - Integrated Circuit Systems MK2069-03GI Datasheet HTML 6Page - Integrated Circuit Systems MK2069-03GI Datasheet HTML 7Page - Integrated Circuit Systems MK2069-03GI Datasheet HTML 8Page - Integrated Circuit Systems MK2069-03GI Datasheet HTML 9Page - Integrated Circuit Systems MK2069-03GI Datasheet HTML 10Page - Integrated Circuit Systems MK2069-03GI Datasheet HTML 11Page - Integrated Circuit Systems MK2069-03GI Datasheet HTML 12Page - Integrated Circuit Systems MK2069-03GI Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VCXO-Based Clock Translator with High Multiplication
MDS 2069-03 I
9
Revision 050203
Integrated Circuit Systems, Inc. l 525 Race Street, San Jose, CA 95126 l tel (408) 295-9800 l
www.icst.com
MK2069-03
Input Phase Compensation Circuit
The VCXO PLL includes a special input clock phase
compensation circuit. It is used when changing the
phase of the input clock, which might occur when
selecting a new reference input through the use of an
external clock multiplexer.
The phase compensation circuit allows the VCXO PLL
to quickly lock to the new input clock phase without
producing extra clock cycles or clock wander, assuming
the new clock is at the same frequency.
Input pin CLR controls the phase compensation circuit.
CLR must remain high for normal operation. When
used in conjunction with an external multiplexer (MUX),
CLR should be brought low prior to MUX reselection,
then returned high after MUX reselection. This
prevents the VCXO PLL from attempting to lock to the
new input clock phase associated with the input clock.
When CLR is high, the VCXO PLL operates normally.
When CLR is low, the VCXO PLL charge pump output
is inactivated which means that no charge pump
correction pulses are provided to the loop filter. During
this time, the VCXO frequency is held constant by the
residual charge or voltage on the PLL loop filter,
regardless of the input clock condition. However, the
VCXO frequency will drift over time, eventually to the
minimum pull range of the crystal, due to leak-off of the
loop filter charge. This means that CLR can provide a
holdover function, but only for a very short duration,
typically in milliseconds.
Upon bringing CLR high, the FV divider is reset and
begins counting with the first positive edge of the new
input clock, and the charge pump is re-activated (FPV
is not reset). By resetting the FV Divider, the memory of
the previous input clock phase is removed from this
feedback divider, eliminating the generation of extra
VCLK clock cycles that would occur if the loop was to
re-lock under normal means. Lock time is also reduced,
as is the generation of clock wander.
By using CLR in this fashion VCLK will align to the input
clock phase with only one or two VCLK cycle slips
resulting. When CLR is not used, the number of VCLK
cycle slips can be as high the FV Divider value.
TCLK is always locked to VCLK regardless of the state
of the CLR input.
Lock Detection
The MK2069-03 includes a lock detection feature that
indicates lock status of VCLK relative to the selected
input reference clock. When phase lock is achieved
(such as following power-up), the LD output goes high.
When phase lock is lost (such as when the input clock
stops, drifts beyond the pullable range of the crystal, or
suddenly shifts in phase), the LD output goes low.
The definition of a “locked” condition is determined by
the user. LD is high when the VCXO PLL phase
detector error is below the user-defined threshold. This
threshold is set by external components RLD and CLD
shown in the Lock Detection Circuit Diagram, below.
To help guard against false lock indications, the LD pin
will go high only when the phase error is below the set
threshold for 8 consecutive phase detector cycles. The
LD pin will go low when the phase error is above the set
threshold for only 1 phase detector cycle.
The lock detector threshold (phase error) is determined
by the following relationship:
(LD Threshold) = 0.6 x R x C
Where:
1 k
Ω < R < 1 MΩ (to avoid excessive noise or
leakage)
C > 50 pF (to avoid excessive error due to stray
capacitance, which can be as much as 10 pF
including Cin of LDC)
Lock Detector Application example:
The desired maximum allowable loop phase error
for a generated 19.44MHz clock is 100UI which is
5.1
µs.
Solution: 5.1
µs = (0.001 µf) x (8.5 kΩ)
Under ideal conditions, where the VCXO is phase-
locked to a low-jitter reference input, loop phase error is
typically maintained to within a few nanoseconds.


Similar Part No. - MK2069-03GI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2069-03GI IDT-MK2069-03GI Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Renesas Technology Corp
MK2069-03GI RENESAS-MK2069-03GI Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
logo
Integrated Device Techn...
MK2069-03GITR IDT-MK2069-03GITR Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Renesas Technology Corp
MK2069-03GITR RENESAS-MK2069-03GITR Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
More results

Similar Description - MK2069-03GI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2069-03 IDT-MK2069-03 Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Renesas Technology Corp
MK2069-03 RENESAS-MK2069-03 Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
MK2069-04 RENESAS-MK2069-04 Datasheet
392Kb / 21P
   VCXO-BASED UNIVERSAL CLOCK TRANSLATOR
051310
logo
Integrated Circuit Syst...
MK2069-04 ICST-MK2069-04 Datasheet
355Kb / 19P
   VCXO-Based Universal Clock Translator
MK2059-01 ICST-MK2059-01 Datasheet
151Kb / 10P
   VCXO-Based Frame Clock Frequency Translator
logo
Renesas Technology Corp
MK2059-01 RENESAS-MK2059-01 Datasheet
465Kb / 12P
   VCXO-BASED FRAME CLOCK FREQUENCY TRANSLATOR
051310
logo
Crystek Corporation
CVH-731_751 CRYSTEKCRYSTAL-CVH-731_751 Datasheet
570Kb / 3P
   Straight Multiplication HCMOS VCXO
logo
Connor-Winfield Corpora...
VXHF-300 CONNOR-WINFIELD-VXHF-300 Datasheet
65Kb / 1P
   VCXO USING FREQUENCY MULTIPLICATION
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
   VCXO-Based Line Card Clock Synchronizer
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com