Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V7240L10 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V7240L10
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V7240L10 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V7240L10 Datasheet HTML 1Page - Integrated Device Technology IDT72V7240L10 Datasheet HTML 2Page - Integrated Device Technology IDT72V7240L10 Datasheet HTML 3Page - Integrated Device Technology IDT72V7240L10 Datasheet HTML 4Page - Integrated Device Technology IDT72V7240L10 Datasheet HTML 5Page - Integrated Device Technology IDT72V7240L10 Datasheet HTML 6Page - Integrated Device Technology IDT72V7240L10 Datasheet HTML 7Page - Integrated Device Technology IDT72V7240L10 Datasheet HTML 8Page - Integrated Device Technology IDT72V7240L10 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
DECEMBER 2003
DSC-4680/9
 2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 72-BIT FIFO
512 x 72, 1,024 x 72
2,048 x 72, 4,096 x 72
8,192 x 72, 16,384 x 72
32,768 x 72, 65,536 x 72
IDT72V7230, IDT72V7240
IDT72V7250, IDT72V7260
IDT72V7270, IDT72V7280
IDT72V7290, IDT72V72100
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. SuperSync II FIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGE
FEATURES:
••••• Choose among the following memory organizations:
IDT72V7230
 512 x 72
IDT72V7240
 1,024 x 72
IDT72V7250
 2,048 x 72
IDT72V7260
 4,096 x 72
IDT72V7270
 8,192 x 72
IDT72V7280
 16,384 x 72
IDT72V7290
 32,768 x 72
IDT72V72100
 65,536 x 72
••••• 100 MHz operation (10 ns read/write cycle time)
••••• User selectable input and output port bus-sizing
- x72 in to x72 out
- x72 in to x36 out
- x72 in to x18 out
- x36 in to x72 out
- x18 in to x72 out
••••• Big-Endian/Little-Endian user selectable word representation
••••• Fixed, low first word latency
••••• Zero latency retransmit
••••• Auto power down minimizes standby power consumption
••••• Master Reset clears entire FIFO
••••• Partial Reset clears data, but retains programmable settings
••••• Empty, Full and Half-Full flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags, each flag can
default to one of eight preselected offsets
••••• Selectable synchronous/asynchronous timing modes for Almost-
Empty and Almost-Full flags
••••• Program programmable flags by either serial or parallel means
••••• Select IDT Standard timing (using EF and FF flags) or First Word
Fall Through timing (using
OR and IR flags)
••••• Output enable puts data outputs into high impedance state
••••• Easily expandable in depth and width
••••• Independent Read and Write Clocks (permit reading and writing
simultaneously)
••••• Asynchronous operation of Output Enable, OE
••••• Read Chip Select ( RCS ) on Read Side
••••• Available in a 256-pin Fine Pitch Ball Grid Array package (PBGA)
••••• Features JTAG (Boundary Scan)
••••• High-performance submicron CMOS technology
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
FUNCTIONAL BLOCK DIAGRAM
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
512 x 72
1,024 x 72
2,048 x 72
4,096 x 72
8,192 x 72
16,384 x 72
32,768 x 72
65,536 x 72
FLAG
LOGIC
FF/IR
PAF
EF/OR
PAE
HF
READ POINTER
READ
CONTROL
LOGIC
WRITE CONTROL
LOGIC
RESET
LOGIC
WEN
WCLK
D0 -Dn (x72, x36 or x18)
LD
MRS
REN
RCLK
Q0 -Qn (x72, x36 or x18)
OFFSET REGISTER
FWFT/SI
SEN
RT
4680 drw01
BUS
CONFIGURATION
BM
CONTROL
LOGIC
BE
OW
IP
PFM
FSEL0
FSEL1
IW
RM
SCLK
OE
PRS
JTAG
CONTROL
(BOUNDARY SCAN)
TCK
TMS
TRST
TDO
TDI
RCS
WRITE POINTER


Similar Part No. - IDT72V7240L10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70180PF IDT-IDT72V70180PF Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180PFG RENESAS-IDT72V70180PFG Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results

Similar Description - IDT72V7240L10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com