Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT251T Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT251T
Description  Fast CMOS 8-Input Multiplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT251T Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT251T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT251T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT251T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT251T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT251T Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS2028A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT151/2151/251T
8-INPUT MULTIPLEXER
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Fast CMOS 8-Input Multiplexer
Product Description:
Pericom Semiconductor’s PI74FCT series of logic circuits are pro-
duced in the Company’s advanced 0.8 micron CMOS technology,
achieving industry leading speed grades.
The PI74FCT151T, PI74FCT251T, and PI74FCT2151T are high-
speed 8-input multiplexers. They select one bit from a source of
eight under the control of three select inputs. Both assertion and
negation outputs are provided.
The PI74FCT151/2151T has a common, active-LOW, Enable
input (E). When E is LOW, data from one of eight inputs is directed
to the complementary outputs based on the 3-bit code applied to the
Select (S0-S2) inputs. The PI74FCT151/2151T can be used as a
data routing device from one of eight sources.
The PI74FCT251T has a common Active-LOW Output Enable
(OE) input. When OE is LOW, data from one of eight inputs is
directed to the complementary outputs. When OE is HIGH, both
outputs are switched to a high-impedance state allowing multiplexer
expansion by tying several outputs together.
Product Features:
• PI74FCT151/251/2151T is pin compatible with bipolar FAST™
Series at a higher speed and lower power consumption
•25
Ω series resistor on all outputs (FCT2xxx Only)
• TTL input and output levels
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
– 16-pin 150-mil wide plastic QSOP (Q)
– 16-pin 300-mil wide plastic SOIC (S)
– 16-pin 150-mil wide plastic SOIC (W)
PI74FCT151T
PI74FCT251T
(25
Ω Series) PI74FCT2151T
Z
Z
I7
I6
I5
I4
I3
I2
I1
I0
S0
S1
S2
E for 151
OE for 251
FCT251 Only


Similar Part No. - PI74FCT251T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT253T PERICOM-PI74FCT253T Datasheet
48Kb / 5P
   High-Speed CMOS Dual 4-Input Multiplexer
PI74FCT2541ATH PERICOM-PI74FCT2541ATH Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT2541ATL PERICOM-PI74FCT2541ATL Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT2541ATQ PERICOM-PI74FCT2541ATQ Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT2541ATQ PERICOM-PI74FCT2541ATQ Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
More results

Similar Description - PI74FCT251T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT151T IDT-IDT74FCT151T Datasheet
117Kb / 6P
   FAST CMOS 8-INPUT MULTIPLEXER
IDT54FCT257T IDT-IDT54FCT257T Datasheet
73Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157T IDT-IDT74FCT157T Datasheet
135Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157AT IDT-IDT74FCT157AT Datasheet
73Kb / 6P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Renesas Technology Corp
IDT74FCT257AT RENESAS-IDT74FCT257AT Datasheet
282Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT157T PERICOM-PI74FCT157T Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
logo
Renesas Technology Corp
IDT74FCT157AT RENESAS-IDT74FCT157AT Datasheet
276Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
logo
Texas Instruments
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com