Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LVTC16245V Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74LVTC16245V
Description  3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVTC16245V Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74LVTC16245V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVTC16245V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVTC16245V Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVTC16245V Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVTC16245V Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVTC16245V Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVTC16245V Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVTC16245V Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74LVTC16245
3.3V 16-Bit Bi-Directional Tranceivers
with3-StateOutputs
PS 8651A
05/19/03
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
t
i
n
U
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
a
l
CV C
C
V
7
.
2
=II
8
1
=mA
V
2
.
1
V
V H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
V C
C
V
6
.
3
o
t
V
7
.
2
=I H
O
0
0
1
=µA
V C
C
V
2
.
0
V C
C
V
7
.
2
=I H
O
2
1
=mA
2
.
2
V C
C
V
3
=
I H
O
2
1
=mA
4
.
2
I H
O
4
2
=mA
2
.
2
V L
O
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
V C
C
V
6
.
3
o
t
V
7
.
2
=I L
O
0
0
1
=µA
2
.
0
V C
C
V
7
.
2
=I L
O
2
1
=mA
4
.
0
V C
C
V
3
=
I L
O
2
1
=mA
4
.
0
I L
O
4
2
=mA
5
5
.
0
II
e
g
a
k
a
e
L
t
u
p
n
I
t
n
e
r
r
u
C
s
t
u
p
n
I
l
o
r
t
n
o
CV C
C
V
6
.
3
o
t
V
0
=VI
V
5
.
5
o
t
V
0
=5
±
A
µ
s
t
r
o
P
B
r
o
A
)
6
(
V C
C
V
6
.
3
=
VI
V
5
.
5
=
5
±
VI
V
=
C
C
VI
D
N
G
=
I F
F
O
e
g
a
k
a
e
L
t
u
p
t
u
O
f
f
O
r
e
w
o
P
t
n
e
r
r
u
C
V C
C
V
0
=VI r
oVO
V
5
.
5
o
t
V
0
=5
±
I
U
P
Z
O
t
n
e
r
r
u
C
e
t
a
t
S
-
3
p
U
-
r
e
w
o
PV C
C
V
5
.
1
o
t
V
0
=
VO
,
V
5
.
5
o
t
V
5
.
0
=
e
r
a
c
t'
n
o
d
=
E
O
5
±
I
D
P
Z
O
t
n
e
r
r
u
C
e
t
a
t
S
-
3
n
w
o
D
-
r
e
w
o
PV C
C
V
0
o
t
V
5
.
1
=
VO
,
V
5
.
5
o
t
V
5
.
0
=
e
r
a
c
t'
n
o
d
=
E
O
5
±
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
QV C
C
V
6
.
3
o
t
V
7
.
2
=
VI =V C
C
D
N
G
r
o
IO
0
=0
6
V
6
.
3
≤ VI
V
5
.
5
)
7
(
∆I C
C
I
n
i
e
s
a
e
r
c
n
I
C
C
V C
C
V
6
.
3
o
t
V
7
.
2
=
t
a
t
u
p
n
i
e
n
OV C
C
V
6
.
0
-
)
8
( ,
t
a
s
t
u
p
n
i
r
e
h
t
OV C
C
D
N
G
r
o
0
0
5
DC Electrical Characteristics (Over the Operating Range, TA= –40°C to +85°C)
Notes:
6. For I/O ports, Input Leakage Current (II) includes the 3-state Output Leakage Current. Unused pins are at VCC or GND.
7. This applies in the disabled state only.
8. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


Similar Part No. - PI74LVTC16245V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTC16244 PERICOM-PI74LVTC16244 Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244A PERICOM-PI74LVTC16244A Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244E PERICOM-PI74LVTC16244E Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244V PERICOM-PI74LVTC16244V Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244VE PERICOM-PI74LVTC16244VE Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
More results

Similar Description - PI74LVTC16245V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTCH16245 PERICOM-PI74LVTCH16245 Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245_07 Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
74ABT245 FAIRCHILD-74ABT245 Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Renesas Technology Corp
IDT74ALVC16245 RENESAS-IDT74ALVC16245 Datasheet
277Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162245 IDT-IDT74ALVC162245 Datasheet
93Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC16245 IDT-IDT74ALVC16245 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com