Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V72100L15 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72V72100L15
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V72100L15 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V72100L15 Datasheet HTML 5Page - Integrated Device Technology IDT72V72100L15 Datasheet HTML 6Page - Integrated Device Technology IDT72V72100L15 Datasheet HTML 7Page - Integrated Device Technology IDT72V72100L15 Datasheet HTML 8Page - Integrated Device Technology IDT72V72100L15 Datasheet HTML 9Page - Integrated Device Technology IDT72V72100L15 Datasheet HTML 10Page - Integrated Device Technology IDT72V72100L15 Datasheet HTML 11Page - Integrated Device Technology IDT72V72100L15 Datasheet HTML 12Page - Integrated Device Technology IDT72V72100L15 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
COMMERCIALTEMPERATURERANGE
IDT72V7230/7240/7250/7260/7270/7280/7290/72100 3.3V HIGH DENSITY SUPERSYNC IITM FIFO
512 x 72, 1K x 72, 2K x 72, 4K x 72, 8K x 36, 16K x 72, 32K x 72, 64K x 72
FUNCTIONAL DESCRIPTION
TIMING MODES: IDT STANDARD vs FIRST WORD FALL THROUGH
(FWFT) MODE
The IDT72V7230/72V7240/72V7250/72V7260/72V7270/72V7280/
72V7290/72V72100 support two different timing modes of operation: IDT
Standard mode or First Word Fall Through (FWFT) mode. The selection of
which mode will operate is determined during Master Reset, by the state of the
FWFT/SI input.
If, at the time of Master Reset, FWFT/SI is LOW, then IDT Standard mode
will be selected. This mode uses the Empty Flag (
EF) to indicate whether or
not there are any words present in the FIFO. It also uses the Full Flag function
(
FF) to indicate whether or not the FIFO has any free space for writing. In IDT
Standard mode, every word read from the FIFO, including the first, must be
requested using the Read Enable (
REN) and RCLK.
If, at the time of Master Reset, FWFT/SI is HIGH, then FWFT mode will be
selected. This mode uses Output Ready (
OR)toindicatewhetherornotthere
is valid data at the data outputs (Qn). It also uses Input Ready (
IR) to indicate
whether or not the FIFO has any free space for writing. In the FWFT mode,
thefirstwordwrittentoanemptyFIFOgoesdirectlytoQnafterthreeRCLKrising
edges,
REN = LOW is not necessary. Subsequent words must be accessed
using the Read Enable (
REN) and RCLK.
Varioussignals,bothinputandoutputsignalsoperatedifferentlydepending
on which timing mode is in effect.
IDT STANDARD MODE
In this mode, the status flags,
FF, PAF, HF, PAE, and EF operate in the
manner outlined in Table 3. To write data into to the FIFO, Write Enable (
WEN)
mustbeLOW. DatapresentedtotheDATAINlineswillbeclockedintotheFIFO
on subsequent transitions of the Write Clock (WCLK). After the first write is
performed, the Empty Flag (
EF)willgoHIGH. Subsequentwriteswillcontinue
to fill up the FIFO. The Programmable Almost-Empty flag (
PAE)willgoHIGH
after n + 1 words have been loaded into the FIFO, where n is the empty offset
value. The default setting for these values are stated in the footnote of Table
2. This parameter is also user programmable. See section on Programmable
Flag Offset Loading.
If one continued to write data into the FIFO, and we assumed no read
operationsweretakingplace,theHalf-Fullflag(
HF)wouldtoggletoLOWonce
the 257th word for IDT72V7230, 513rd word for IDT72V7240, 1,025th word
forIDT72V7250,2,049thwordforIDT72V7260,4,097thwordforIDT72V7270,
8,193th word for the IDT72V7280, 16,385th word for the IDT72V7290 and
32,769th word for the IDT72V72100, respectively was written into the FIFO.
ContinuingtowritedataintotheFIFOwillcausetheProgrammableAlmost-Full
flag (
PAF)togoLOW. Again,ifnoreadsareperformed, thePAFwillgoLOW
after(512-m)writesfortheIDT72V7230,(1,024-m)writesfortheIDT72V7240,
(2,048-m) writes for the IDT72V7250, (4,096-m) writes for the IDT72V7260,
(8,192-m) writes for the IDT72V7270, (16,384-m) writes for the IDT72V7280,
(32,768-m) writes for the IDT72V7290 and (65,536-m) writes for the
IDT72V72100. Theoffset“m”isthefulloffsetvalue. Thedefaultsettingforthese
values are stated in the footnote of Table 2. This parameter is also user
programmable. See section on Programmable Flag Offset Loading.
When the FIFO is full, the Full Flag (
FF)willgoLOW,inhibitingfurtherwrite
operations. Ifnoreadsareperformedafterareset,
FFwillgoLOWafterDwrites
to the FIFO. D = 512 writes for the IDT72V7230, 1,024 writes for the
IDT72V7240,2,048writesfortheIDT72V7250,4,096writesfortheIDT72V7260,
8,192 writes for the IDT72V7270, 16,384 writes for the IDT72V7280, 32,768
writes for the IDT72V7290, 65,536 writes for the IDT72V72100, respectively.
If the FIFO is full, the first read operation will cause
FF to go HIGH.
Subsequentreadoperationswillcause
PAFandHFtogoHIGHattheconditions
described in Table 3. If further read operations occur, without write operations,
PAE will go LOW when there are n words in the FIFO, where n is the empty
offsetvalue. ContinuingreadoperationswillcausetheFIFOtobecomeempty.
When the last word has been read from the FIFO, the
EFwillgoLOWinhibiting
further read operations.
REN is ignored when the FIFO is empty.
When configured in IDT Standard mode, the
EFandFFoutputsaredouble
register-bufferedoutputs.
Relevant timing diagrams for IDT Standard mode can be found in Figure
10,11,12,16 and 18.
FIRST WORD FALL THROUGH MODE (FWFT)
In this mode, the status flags,
IR, PAF, HF, PAE, and OR operate in the
manner outlined in Table 4. To write data into to the FIFO,
WENmustbeLOW.
DatapresentedtotheDATAINlineswillbeclockedintotheFIFOonsubsequent
transitions of WCLK. After the first write is performed, the Output Ready (
OR)
flag will go LOW. Subsequent writes will continue to fill up the FIFO.
PAEwill
goHIGHaftern + 2wordshavebeenloadedintotheFIFO,wherenistheempty
offsetvalue. ThedefaultsettingforthesevaluesarestatedinthefootnoteofTable
2. This parameter is also user programmable. See section on Programmable
Flag Offset Loading.
If one continued to write data into the FIFO, and we assumed no read
operationsweretakingplace,the
HFwouldtoggletoLOWoncethe258thword
for the IDT72V7230, 514th word for the IDT72V7240, 1,026th word for the
IDT72V7250, 2,050th word for the IDT72V7260, 4,098th word for the
IDT72V7270, 8,194th word for the IDT72V7280, 16,386th word for the
IDT72V7290 and 32,770th word for the IDT72V72100, respectively was
written into the FIFO. Continuing to write data into the FIFO will cause the
PAF
togoLOW. Again,ifnoreadsareperformed,the
PAFwillgoLOWafter(513-m)
writes for the IDT72V7230, (1,025-m) writes for the IDT72V7240, (2,049-m)
writesfortheIDT72V7250,(4,097-m)writesfortheIDT72V7260and(8,193-m)
writes for the IDT72V7270, 16,385 writes for the IDT72V7280, 32,769 writes
for the IDT72V7290 and 65,537 writes for the IDT72V72100, where m is the
full offset value. The default setting for these values are stated in the footnote
of Table 2.
WhentheFIFOisfull,theInputReady(
IR)flagwillgoHIGH,inhibitingfurther
write operations. If no reads are performed after a reset,
IRwillgoHIGHafter
D writes to the FIFO. D = 513 writes for the IDT72V7230, 1,025 writes for the
IDT72V7240,2,049writesfortheIDT72V7250,4,097writesfortheIDT72V7260
and 8,193 writes for the IDT72V7270, 16,385 writes for the IDT72V7280,
32,769 writes for the IDT72V7290, 65,537 writes for the IDT72V72100,
respectively. NotethattheadditionalwordinFWFTmodeisduetothecapacity
of the memory plus output register.
If the FIFO is full, the first read operation will cause the
IR flag to go LOW.
Subsequent read operations will cause the
PAF and HF to go HIGH at the
conditions described in Table 4. If further read operations occur, without write
operations,the
PAEwillgoLOWwhentherearen+1wordsintheFIFO,where
n is the empty offset value. Continuing read operations will cause the FIFO to
become empty. When the last word has been read from the FIFO,
OR willgo
HIGH inhibiting further read operations.
REN is ignored when the FIFO is
empty.
When configured in FWFT mode, the
OR flag output is triple register-
buffered, and the
IR flag output is double register-buffered.
RelevanttimingdiagramsforFWFTmodecanbefoundinFigure13,14,15,
17, and 19.


Similar Part No. - IDT72V72100L15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70180PF IDT-IDT72V70180PF Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180PFG RENESAS-IDT72V70180PFG Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results

Similar Description - IDT72V72100L15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com