Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V7240L10BB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V7240L10BB
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V7240L10BB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V7240L10BB Datasheet HTML 6Page - Integrated Device Technology IDT72V7240L10BB Datasheet HTML 7Page - Integrated Device Technology IDT72V7240L10BB Datasheet HTML 8Page - Integrated Device Technology IDT72V7240L10BB Datasheet HTML 9Page - Integrated Device Technology IDT72V7240L10BB Datasheet HTML 10Page - Integrated Device Technology IDT72V7240L10BB Datasheet HTML 11Page - Integrated Device Technology IDT72V7240L10BB Datasheet HTML 12Page - Integrated Device Technology IDT72V7240L10BB Datasheet HTML 13Page - Integrated Device Technology IDT72V7240L10BB Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT72V7230/7240/7250/7260/7270/7280/7290/72100 3.3V HIGH DENSITY SUPERSYNC IITM FIFO
512 x 72, 1K x 72, 2K x 72, 4K x 72, 8K x 36, 16K x 72, 32K x 72, 64K x 72
PROGRAMMING FLAG OFFSETS
FullandEmptyFlagoffsetvaluesareuserprogrammable. TheIDT72V7230/
72V7240/72V7250/72V7260/72V7270/72V7280/72V7290/72V72100 have
internalregistersfortheseoffsets. Thereareeightdefaultoffsetvaluesselectable
during Master Reset. These offset values are shown in Table 2. Offset values
can also be programmed into the FIFO in one of two ways; serial or parallel
loadingmethod. Theselectionoftheloadingmethodisdoneusingthe
LD(Load)
pin. During Master Reset, the state of the
LDinputdetermineswhetherserial
or parallel flag offset programming is enabled. A HIGH on
LD during Master
Resetselectsserialloadingofoffsetvalues. ALOWon
LDduringMasterReset
selects parallel loading of offset values.
In addition to loading offset values into the FIFO, it is also possible to read
the current offset values. Offset values can be read via the parallel output port
Q0-Qn, regardless of the programming mode selected (serial or parallel). It is
not possible to read the offset values in serial fashion.
Figure 3,Programmable Flag Offset Programming Sequence, summaries
thecontrolpinsandsequenceforbothserialandparallelprogrammingmodes.
For a more detailed description, see discussion that follows.
Theoffsetregistersmaybeprogrammed(andreprogrammed)anytimeafter
Master Reset, regardless of whether serial or parallel programming has been
selected. Valid programming ranges are from 0 to D-1.
SYNCHRONOUS vs ASYNCHRONOUS PROGRAMMABLE FLAG
TIMING SELECTION
The IDT72V7230/72V7240/72V7250/72V7260/72V7270/72V7280/
72V7290/72V72100 can be configured during the Master Reset cycle with
either synchronous or asynchronous timing for
PAF andPAE flags by use of
the PFM pin.
If synchronous
PAF/PAE configuration is selected (PFM, HIGH during
MRS), the PAF is asserted and updated on the rising edge of WCLK only and
not RCLK. Similarly,
PAEisassertedandupdatedontherisingedgeofRCLK
onlyandnotWCLK. Fordetailtimingdiagrams,seeFigure23forsynchronous
PAF timing and Figure 24 for synchronous PAE timing.
If asynchronous
PAF/PAE configuration is selected (PFM, LOW during
MRS),thePAFisassertedLOWontheLOW-to-HIGHtransitionofWCLKand
PAFisresettoHIGHontheLOW-to-HIGHtransitionofRCLK. Similarly,PAE
isassertedLOWontheLOW-to-HIGHtransitionofRCLK.
PAEisresettoHIGH
ontheLOW-to-HIGHtransitionofWCLK. Fordetailtimingdiagrams,seeFigure
25 for asynchronous
PAF timingandFigure26forasynchronousPAEtiming.
IDT72V7230, 72V7240
LD
FSEL1
FSEL0
Offsets n,m
LH
L
511
L
L
H
255
L
L
L
127
LH
H
63
HL
L
31
HH
L
15
HL
H
7
HH
H
3
LD
FSEL1
FSEL0
Program Mode
H
X
X
Serial(3)
L
X
X
Parallel(4)
IDT72V7250, 72V7260, 72V7270, 72V7280
LD
FSEL1
FSEL0
Offsets n,m
H
L
L
1,023
LH
L
511
L
L
H
255
L
L
L
127
LH
H
63
HH
L
31
HL
H
15
HH
H
7
LD
FSEL1
FSEL0
Program Mode
H
X
X
Serial(3)
L
X
X
Parallel(4)
IDT72V7290, 72V72100
LD
FSEL1
FSEL0
Offsets n,m
L
H
L
16,383
L
L
H
8,191
L
H
H
4,095
H
H
L
2,047
H
L
L
1,023
HL
H
511
HHH
255
LLL
127
LD
FSEL1
FSEL0
Program Mode
H
X
X
Serial(3)
L
X
X
Parallel(4)
TABLE 2 — DEFAULT PROGRAMMABLE
FLAG OFFSETS
NOTES:
1. n = empty offset for
PAE.
2. m = full offset for
PAF.
3. As well as selecting serial programming mode, one of the default values will also
be loaded depending on the state of FSEL0 & FSEL1.
4. As well as selecting parallel programming mode, one of the default values will
also be loaded depending on the state of FSEL0 & FSEL1.


Similar Part No. - IDT72V7240L10BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70180PF IDT-IDT72V70180PF Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180PFG RENESAS-IDT72V70180PFG Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results

Similar Description - IDT72V7240L10BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com