Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514262-70JS Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM514262-70JS
Description  262,144-Word x 4-Bit Multiport DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262-70JS Datasheet(HTML) 1 Page - OKI electronic componets

  MSM514262-70JS Datasheet HTML 1Page - OKI electronic componets MSM514262-70JS Datasheet HTML 2Page - OKI electronic componets MSM514262-70JS Datasheet HTML 3Page - OKI electronic componets MSM514262-70JS Datasheet HTML 4Page - OKI electronic componets MSM514262-70JS Datasheet HTML 5Page - OKI electronic componets MSM514262-70JS Datasheet HTML 6Page - OKI electronic componets MSM514262-70JS Datasheet HTML 7Page - OKI electronic componets MSM514262-70JS Datasheet HTML 8Page - OKI electronic componets MSM514262-70JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
¡ Semiconductor
MSM514262
1/45
DESCRIPTION
The MSM514262 is an 1-Mbit CMOS multiport DRAM composed of a 262,144-word by 4-bit
dynamic RAM and a 512-word by 4-bit SAM. Its RAM and SAM operate independently and
asynchronously.
The MSM514262 supports three types of operation : random access to RAM port, high speed
serial access to SAM port and bidirectional transfer of data between any selected row in the
RAM port and the SAM port. In addition to the conventional multiport DRAM operating
modes, the MSM514262 features the block write and flash write functions on the RAM port and
a split data transfer capability on the SAM port. The SAM port requires no refresh operation
because it uses static CMOS flip-flops.
FEATURES
• Single power supply: 5 V
±10%
• Full TTL compatibility
• Multiport organization
RAM: 256K word ¥ 4 bits
SAM: 512 word ¥ 4 bits
• Fast page mode
• Write per bit
• Masked flash write
• Masked block write
• RAS only refresh
• CAS before RAS refresh
• Hidden refresh
• Serial read/write
• 512 tap location
• Bidirectional data transfer
• Split transfer
• Masked write transfer
• Refresh: 512 cycles/8 ms
• Package options:
28-pin 400 mil plastic ZIP
(ZIP28-P-400-1.27)
(Product : MSM514262-xxZS)
28-pin 400 mil plastic SOJ
(SOJ28-P-400-1.27)
(Product : MSM514262-xxJS)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MSM514262
262,144-Word
¥ 4-Bit Multiport DRAM
MSM514262-70
MSM514262-80
MSM514262-10
Access Time
RAM
SAM
70 ns
25 ns
80 ns
25 ns
100 ns
25 ns
Cycle Time
RAM
SAM
140 ns
30 ns
150 ns
30 ns
180 ns
30 ns
Power Dissipation
Operating
120 mA
110 mA
100 mA
Standby
8 mA
8 mA
8 mA
Family
E2L0013-17-Y1
This version: Jan. 1998
Previous version: Dec. 1996


Similar Part No. - MSM514262-70JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260CSL OKI-MSM514260CSL Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514262-70JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
   262,144-Word x 8-Bit Multiport DRAM
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416282 OKI-MSM5416282 Datasheet
367Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM548263 OKI-MSM548263 Datasheet
392Kb / 40P
   262,144-Word x 8-Bit Multiport DRAM
MSM54V16283 OKI-MSM54V16283 Datasheet
389Kb / 42P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416263 OKI-MSM5416263 Datasheet
359Kb / 40P
   262,144-Word x 16-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com