Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125LS15 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 125LS15
Description  AC Line Rated Disc Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

125LS15 Datasheet(HTML) 2 Page - Vishay Siliconix

  125LS15 Datasheet HTML 1Page - Vishay Siliconix 125LS15 Datasheet HTML 2Page - Vishay Siliconix 125LS15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
21
440L, 30LV, 30LVS, 25Y, 125L, 20VL Series
Vishay Cera-Mite
Document Number: 23092
Revision 14-May-02
ceramite.support@vishay.com
AC Line Rated Disc Capacitors
VISHAY
AC
D
T
LS
Φ
VALUE
CERA-MITE LEAKAGE TEMP DIAMETER THICKNESS LEAD SPACE WIRE SIZE
pF
TOL NUMBER
IL mA CHAR. (in/mm) (in/mm)
(in/mm)
(AWG/in/mm)
10
K 440LQ10 1.3 uA COG .330 (8.4) .195 (5.0) .375 (9.5)
20 .032 (.81)
15
K 440LQ15 2.0 uA U2J .330 (8.4) .210 (5.3) .375 (9.5)
20 .032 (.81)
22
K 440LQ22 3.0 uA P3K .330 (8.4) .190 (4.8) .375 (9.5)
20 .032 (.81)
33
K 440LQ33 4.4 uA R3L .330 (8.4) .200 (5.1) .375 (9.5)
20 .032 (.81)
47
K 440LQ47 6.3 uA R3L .330 (8.4) .180 (4.6) .375 (9.5)
20 .032 (.81)
68
K 440LQ68
0.01
X7R .330 (8.4) .220 (5.6) .375 (9.5)
20 .032 (.81)
100 K 440LT10
0.02
X7R .330 (8.4) .220 (5.6) .375 (9.5)
20 .032 (.81)
150 K 440LT15
0.03
X7R .330 (8.4) .235 (6.0) .375 (9.5)
20 .032 (.81)
220 K 440LT22
0.04
X7R .330 (8.4) .235 (6.0) .375 (9.5)
20 .032 (.81)
330 K 440LT33
0.05
X7R .330 (8.4) .225 (5.7) .375 (9.5)
20 .032 (.81)
470 M 440LT47
0.07
Y5U .330 (8.4) .230 (5.8) .375 (9.5)
20 .032 (.81)
560 M 440LT56
0.08
Y5U .330 (8.4) .230 (5.8) .375 (9.5)
20 .032 (.81)
680 M 440LT68
0.10
Y5U .330 (8.4) .235 (6.0) .375 (9.5)
20 .032 (.81)
1000 M 440LD10
0.15
Y5U .365 (9.3) .220 (5.6) .375 (9.5)
20 .032 (.81)
1500 M 440LD15
0.23
Y5U .365 (9.3) .220 (5.6) .375 (9.5)
20 .032 (.81)
2000 M 440LD20
0.30
Y5U .400 (10.2) .220 (5.6) .375 (9.5)
20 .032 (.81)
2200 M 440LD22
0.34
Y5U .430 (10.9) .225 (5.7) .375 (9.5)
20 .032 (.81)
2700 M 440LD27
0.41
Y5U .460 (11.7) .225 (5.7) .375 (9.5)
20 .032 (.81)
2800 M 440LD28
0.43
Y5U .460 (11.7) .220 (5.6) .375 (9.5)
20 .032 (.81)
3000 M 440LD30
0.46
Y5U .490 (12.4) .225 (5.7) .375 (9.5)
20 .032 (.81)
3200 M 440LD32
0.49
Y5U .490 (12.4) .220 (5.6) .375 (9.5)
20 .032 (.81)
3300 M 440LD33
0.50
Y5U .490 (12.4) .215 (5.5) .375 (9.5)
20 .032 (.81)
3900 M 440LD39
0.59
Y5U .530 (13.5) .220 (5.6) .375 (9.5)
20 .032 (.81)
4000 M 440LD40
0.61
Y5U .530 (13.5) .220 (5.6) .375 (9.5)
20 .032 (.81)
4700 M 440LD47
0.71
Y5U .620 (15.7) .230 (5.8) .375 (9.5)
20 .032 (.81)
5000 M 440LD50
0.76
Y5U .620 (15.7) .225 (5.7) .375 (9.5)
20 .032 (.81)
5500 M 440LD55
0.84
Y5U .680 (17.3) .230 (5.8) .375 (9.5)
20 .032 (.81)
5600 M 440LD56
0.85
Y5U .680 (17.3) .230 (5.8) .375 (9.5)
20 .032 (.81)
6800 M 440LD68
1.04
Y5U .720 (18.3) .235 (6.0) .375 (9.5)
20 .032 (.81)
8000 M 440LD80
1.22
Y5U .720 (18.3) .220 (5.6) .375 (9.5)
20 .032 (.81)
9000 M 440LD90
1.37
Y5U .790 (20.1) .225 (5.7) .375 (9.5)
20 .032 (.81)
.01µF M 440LS10
1.52
Y5U .850 (21.6) .230 (5.8) .375 (9.5)
20 .032 (.81)
Note 5
Note 6
Series
"LO" typ.
in
mm
440L
.158"
(4.0)
30LV
.132"
(3.4)
30LVS
.125"
(3.2)
25Y
.060"
(1.5)
125L
.110"
(2.8)
20VL
.077"
(2.0)
WIRE LEAD OFFSET
* 30LVS15 not available with UL 1414 recognition.
Fig 7 Optional 3-Leaded Style
An optional 3-leaded construction is available. It consists of a single
capacitor with the two outside leads attached to one electrode, and
the center lead attached to the other electrode. Used in feed-thru or
line-to-ground applications, it allows a short ground lead for enhanced
high frequency performance.
VISHAY
AC
D
T
LS
F
VALUE
CERA-MITE
LEAKAGE TEMP DIAMETER THICKNESS LEAD SPACE
WIRE SIZE
pF
TOL. NUMBER
IL mA CHAR. (in/mm)
(in/mm)
(in/mm)
(AWG/in/mm)
10
K
30LVQ10
1.3 uA COG .330 (8.4) .185 (4.7) .250 (6.4) 22 .025 (.64)
15
K
30LVQ15
2.0 uA U2J
.330 (8.4) .200 (5.1) .250 (6.4) 22 .025 (.64)
22
K
30LVQ22
3.0 uA P3K .330 (8.4) .180 (4.6) .250 (6.4) 22 .025 (.64)
33
K
30LVQ33
4.4 uA R3L
.330 (8.4) .190 (4.8) .250 (6.4) 22 .025 (.64)
47
K
30LVQ47
6.3 uA R3L
.330 (8.4) .170 (4.3) .250 (6.4) 22 .025 (.64)
68
K
30LVQ68
0.01
S3L
.330 (8.4) .175 (4.4) .250 (6.4) 22 .025 (.64)
100
K
30LVT10
0.02
X7R .330 (8.4) .180 (4.6) .250 (6.4) 22 .025 (.64)
150
K
30LVT15
0.03
X7R .330 (8.4) .180 (4.6) .250 (6.4) 22 .025 (.64)
220
K
30LVT22
0.04
X7R .330 (8.4) .195 (5.0) .250 (6.4) 22 .025 (.64)
330
K
30LVT33
0.05
X7R .330 (8.4) .195 (5.0) .250 (6.4) 22 .025 (.64)
470
K
30LVT47
0.08
X7R .330 (8.4) .180 (4.6) .250 (6.4) 22 .025 (.64)
560
K
30LVT56
0.09
X7R .330 (8.4) .200 (5.1) .250 (6.4) 22 .025 (.64)
680
K 30LVTT68
0.11
X7R .330 (8.4) .180 (4.6) .250 (6.4) 22 .025 (.64)
680
M
30LVT68
0.10
Y5U .330 (8.4) .220 (5.6) .250 (6.4) 22 .025 (.64)
1000 K 30LVTD10
0.16
X7R .365 (9.3) .185 (4.7) .250 (6.4) 22 .025 (.64)
1000 M
30LVD10
0.15
Y5U .330 (8.4) .215 (5.5) .250 (6.4) 22 .025 (.64)
1500 K 30LVTD15
0.24
X7R .460 (11.7) .180 (4.6) .250 (6.4) 22 .025 (.64)
1500 M
30LVD15
0.23
Y5U .330 (8.4) .195 (5.0) .250 (6.4) 22 .025 (.64)
2000 M
30LVD20
0.31
Y5U .400 (10.2) .210 (5.3) .250 (6.4) 22 .025 (.64)
2200 M
30LVD22
0.34
Y5U .400 (10.2) .200 (5.1) .250 (6.4) 22 .025 (.64)
2700 M
30LVD27
0.41
Y5U .430 (10.9) .200 (5.1) .250 (6.4) 22 .025 (.64)
2800 M
30LVD28
0.43
Y5U .430 (10.9) .200 (5.1) .250 (6.4) 22 .025 (.64)
3000 M
30LVD30
0.46
Y5U .460 (11.7) .205 (5.2) .250 (6.4) 22 .025 (.64)
3200 M
30LVD32
0.49
Y5U .460 (11.7) .200 (5.1) .250 (6.4) 22 .025 (.64)
3300 M
30LVD33
0.50
Y5U .460 (11.7) .195 (5.0) .250 (6.4) 22 .025 (.64)
3900 M
30LVD39
0.59
Y5U .490 (12.4) .200 (5.1) .250 (6.4) 22 .025 (.64)
4000 M
30LVD40
0.61
Y5U .530 (13.5) .210 (5.3) .250 (6.4) 22 .025 (.64)
4700 M
30LVD47
0.72
Y5U .620 (15.7) .220 (5.6) .375 (9.5) 20 .032 (.81)
5000 M
30LVD50
0.76
Y5U .620 (15.7) .215 (5.5) .375 (9.5) 20 .032 (.81)
5500 M
30LVD55
0.84
Y5U .560 (14.2) .195 (5.0) .375 (9.5) 20 .032 (.81)
5600 M
30LVD56
0.85
Y5U .560 (14.2) .195 (5.0) .375 (9.5) 20 .032 (.81)
6800 M
30LVD68
1.04
Y5U .680 (17.3) .205 (5.2) .375 (9.5) 20 .032 (.81)
8000 M
30LVD80
1.22
Y5U .680 (17.3) .195 (5.0) .375 (9.5) 20 .032 (.81)
9000 M
30LVD90
1.37
Y5U .720 (18.3) .200 (5.1) .375 (9.5) 20 .032 (.81)
.01µF M
30LVS10
1.52
Y5U .790 (20.1) .190 (4.8) .375 (9.5) 20 .032 (.81)
.015µF M 30LVS15*
2.28
Y5U .900 (22.9) .200 (5.1) .375 (9.5) 20 .032 (.81)
Note 5
Note 6
INTERNATIONAL AGENCY APPROVALS
Fig 5
TYPICAL FILTER SHOWING X & Y TYPES
Fig 6
440L SERIES
AC RATED CERAMIC DISC CAPACITORS
Rugged, High Dielectric Strength, Full UL Recognition,
X1 & Y1 Applications
UL 1414
UL 1283
CSA 22.2
IEC 384-14
Across-The-Line
EMI Filters
No. 1 - Across-The-Line
2nd Edition
Antenna Coupling
No. 1 - Isolation
Y1 - 500 VAC
Line-By-Pass
X1 - 400 VAC
30LV SERIES
AC RATED CERAMIC DISC CAPACITORS
Full UL 1414 Recognition, X1 & Y2 Applications
UL 1414
UL 1283
CSA 22.2
IEC 384-14
Across-The-Line
EMI Filters
No. 1 - Across-The-Line 2nd Edition
Antenna Coupling
No. 1 - Isolation
Y2 - 300 VAC
Line-By-Pass
No. 8 - EMI Filters
X1 - 400 VAC
0.125"
max (3.2)
Tinned Copper Leads
1.250" min (32)
T
max
LS
LO
D
max
1.250" min (32)
4mm max
D
max
T
LS
b
a
G
a
G
b
c
I
L
= AC Leakage Current
Up to
250 VAC
L2
L1
Y
IL
IL
X
Y


Similar Part No. - 125LS15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
125LS10-R VISHAY-125LS10-R Datasheet
171Kb / 7P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y4, 125 VAC
01-Jan-2022
125LS18-R VISHAY-125LS18-R Datasheet
171Kb / 7P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y4, 125 VAC
01-Jan-2022
More results

Similar Description - 125LS15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2 VISHAY-VY2_10 Datasheet
152Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 13-Apr-10
30LVSD47-R VISHAY-30LVSD47-R Datasheet
163Kb / 5P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
VY1 VISHAY-VY1_10 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
VY2472M49Y5US63V0 VISHAY-VY2472M49Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 08-Mar-12
30LVD22-R VISHAY-30LVD22-R Datasheet
166Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
VY1472M63Y5UQ63V0 VISHAY-VY1472M63Y5UQ63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
WKP472MCPEF VISHAY-WKP472MCPEF Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors
Revision: 19-Dec-13
440L VISHAY-440L_18 Datasheet
174Kb / 5P
   AC Line Rated Ceramic Disc Capacitors
Revision: 29-Mar-18
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 29-Mar-18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com