Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA06T Datasheet(PDF) 7 Page - Rohm

Part # BA06T
Description  Low saturation voltage type 3-pin regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA06T Datasheet(HTML) 7 Page - Rohm

  BA06T Datasheet HTML 1Page - Rohm BA06T Datasheet HTML 2Page - Rohm BA06T Datasheet HTML 3Page - Rohm BA06T Datasheet HTML 4Page - Rohm BA06T Datasheet HTML 5Page - Rohm BA06T Datasheet HTML 6Page - Rohm BA06T Datasheet HTML 7Page - Rohm BA06T Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BAOOT / BAOOFP series
Regulator ICs
!
!
!
!
Operation notes
(1) Operating power supply voltage
When operating within the normal voltage range and within the ambient operating temperature range, most circuit
functions are guaranteed.
The rated values cannot be guaranteed for the electrical characteristics, but there are no sudden changes of the
characteristics within these ranges.
(2) Power dissipation
Heat attenuation characteristics are noted on a separate page and can be used as a guide in judging power
dissipation.
If these ICs are used in such a way that the allowable power dissipation level is exceeded, an increase in the chip
temperature could cause a reduction in the current capability or could otherwise adversely affect the performance of
the IC. Make sure a sufficient margin is allowed so that the allowable power dissipation value is not exceeded.
(3) Output oscillation prevention and bypass capacitor
Be sure to connect a capacitor between the output pin and GND to prevent oscillation. Since fluctuations in the valve
of the capacitor due to temperature changes may cause oscillations, a tantalum electrolytic capacitor with a small
internal series resistance (ESR) is recommended.
A 22
µF capacitor is recommended; however, be aware that if an extremely large capacitance is used (1000µ F or
greater), then oscillations may occur at low frequencies. Therefore, be sure to perform the appropriate verifications
before selecting the capacitor.
Also, we recommend connecting a 0.33
µF bypass capacitor as close as possible between the input pin and GND.
(4) Overcurrent protection circuit
An overcurrent protection circuit is built into the outputs, to prevent destruction of the IC in the even the load is shorted.
This protection circuit limits the current in the shape of a ’7’. This circuit is designed with a high margin, so that that
current is restricted and latching is prevented, even if a high-capacitance capacitator causes a large amount of current
to temporary flow through the IC.
However, these protection circuits are only good for pre-venting damage from sudden accidents and should not be
used for continuous protection (for instance, clamping at an output of 1VF or greater; below 1VF, the short mode circuit
operates). Note that the capacitor has negative temperature characteristics, and the design should take this into
consideration.
(5) Thermal overload circuit
A built-in thermal overload circuit prevents damage from overheating. When the thermal circuit is activated, the
outputs are turned OFF. When the temperature drops back to a constant level, the circuit is restored.
(6) Internal circuits could be damaged if there are modes in which the electric potential of the application’s input (VCC) and
GND are the opposite of the electric potential normally used by each of the outputs. Use of a diode or other such
bypass path is recommended.
(7) Although the manufacture of this product includes rigorous quality assurance procedures, the product may be
damaged if absolute maximum ratings for voltage or operating temperature are exceeded. If damage has occurred,
special modes (such as short circuit mode or open circuit mode) cannot be specified. If it is possible that such special
modes may be needed, please consider using a fuse or some other mechanical safety mea-sure.
(8) When used within a strong magnetic field, be aware that the possibility of malfunction exists.


Similar Part No. - BA06T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA06T/FP ROHM-BA06T/FP Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BA06TFP ROHM-BA06TFP Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
More results

Similar Description - BA06T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com