Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7815F Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN7815F
Description  3-pin positive output voltage regulator (1 A type)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7815F Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AN7815F Datasheet HTML 2Page - Panasonic Semiconductor AN7815F Datasheet HTML 3Page - Panasonic Semiconductor AN7815F Datasheet HTML 4Page - Panasonic Semiconductor AN7815F Datasheet HTML 5Page - Panasonic Semiconductor AN7815F Datasheet HTML 6Page - Panasonic Semiconductor AN7815F Datasheet HTML 7Page - Panasonic Semiconductor AN7815F Datasheet HTML 8Page - Panasonic Semiconductor AN7815F Datasheet HTML 9Page - Panasonic Semiconductor AN7815F Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AN78xx/AN78xxF Series
Voltage Regulators
6
I Electrical Characteristics at Ta = 25°C (continued)
• AN7815, 7815F (15V type)
V
V
mV
mV
mV
mV
mA
mA
mA
µV
dB
V
m
mA
A
mV/
°C
15.6
15
Tj
= 25°C
VI
= 18 to 30V, IO = 5mA to 1A,
Tj
= 0 to 125°C, PD ≤ *
300
11
VI
= 17.5 to 30V, Tj = 25°C
12
IO
= 5mA to 1.5A, Tj = 25°C
IO
= 250 to 750mA, Tj = 25°C
VI
= 20 to 26V, Tj = 25°C
4
Tj
= 25°C
3
VI
= 17.5 to 30V, Tj = 25°C
90
IO
= 5mA to 1A, Tj = 25°C
f
= 10Hz to 100kHz
0.5
150
15.75
300
150
8
1
54
14.4
14.25
VI
= 18.5 to 28.5V, f = 120Hz
2
IO
= 1A, Tj = 25°C
19
700
f
= 1kHz
2
VI
= 30V, Tj = 25°C
4
Tj
= 25°C
−1
IO
= 5mA, Tj = 0 to 125°C
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output impedance
Output short-circuit current
Peak output current
Output voltage temperature coefficient
Unit
VO
VO
REGIN
REGL
IBias
∆IBias(IN)
∆IBias(L)
Vno
RR
VDIF(min)
ZO
IO(Short)
IO(Peak)
∆VO/Ta
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 23V, IO = 500mA, CI = 0.33µF and CO = 0.1µF.
*
AN78xx series: 15W, AN78xxF series: 10.25W
• AN7818, 7818F (18V type)
VO
V
VO
V
REGIN
mV
mV
REGL
mV
mV
mA
IBias
mA
∆IBias(IN)
mA
∆IBias(L)
µV
Vno
dB
RR
V
VDIF(min)
m
ZO
mA
IO(Short)
A
IO(Peak)
mV/
°C
∆VO/Ta
18.7
18
Tj
= 25°C
VI
= 21 to 33V, IO = 5mA to 1A,
Tj
= 0 to 125°C, PD ≤ *
360
14
VI
= 21 to 33V, Tj = 25°C
12
IO
= 5mA to 1.5A, Tj = 25°C
IO
= 250 to 750mA, Tj = 25°C
VI
= 24 to 30V, Tj = 25°C
4.1
Tj
= 25°C
4
VI
= 21 to 33V, Tj = 25°C
110
IO
= 5mA to 1A, Tj = 25°C
f
= 10Hz to 100kHz
1
0.5
180
18.9
360
180
8
53
17.3
17.1
VI
= 22 to 32V, IO = 100mA, f = 120Hz
2
IO
= 1A, Tj = 25°C
16
700
f
= 1kHz
2
VI
= 35V, Tj = 25°C
4
Tj
= 25°C
−1.1
IO
= 5mA, Tj = 0 to 125°C
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output impedance
Output short-circuit current
Peak output current
Output voltage temperature coefficient
Unit
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 27V, IO = 500mA, CI = 0.33µF and CO = 0.1µF.
*
AN78xx series: 15W, AN78xxF series: 10.25W


Similar Part No. - AN7815F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7815F PANASONIC-AN7815F Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
More results

Similar Description - AN7815F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
AN7805NSP PANASONIC-AN7805NSP Datasheet
187Kb / 13P
   3-pin positive output voltage regulator (1 A type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com