Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUM85N15-19 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUM85N15-19
Description  N-Channel 150-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM85N15-19 Datasheet(HTML) 4 Page - Vishay Siliconix

  SUM85N15-19 Datasheet HTML 1Page - Vishay Siliconix SUM85N15-19 Datasheet HTML 2Page - Vishay Siliconix SUM85N15-19 Datasheet HTML 3Page - Vishay Siliconix SUM85N15-19 Datasheet HTML 4Page - Vishay Siliconix SUM85N15-19 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUM85N15-19
Vishay Siliconix
www.vishay.com
4
Document Number: 71703
S-32523—Rev. B, 08-Dec-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Drain Source Breakdown vs.
Junction Temperature
Avalanche Current vs. Time
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
−50 −25
0
25
50
75
100 125 150 175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ − Junction Temperature (_C)
VSD − Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
VGS = 10 V
ID = 30 A
TJ = 25_C
TJ = 150_C
0
140
150
160
170
180
190
−50 −25
0
25
50
75
100 125 150 175
TJ − Junction Temperature (_C)
tin (Sec)
1000
10
0.00001
0.001
0.1
1
0.1
0.01
IAV (A) @ TA = 150_C
ID = 1.0 mA
100
1
0.0001
IAV (A) @ TA = 25_C


Similar Part No. - SUM85N15-19

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SUM85N15-19 ISC-SUM85N15-19 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SUM85N15-19 VISHAY-SUM85N15-19 Datasheet
75Kb / 6P
   N-Channel 150-V (D-S) 175C MOSFET
18-Jul-08
SUM85N15-19 VISHAY-SUM85N15-19_V01 Datasheet
75Kb / 6P
   N-Channel 150-V (D-S) 175C MOSFET
18-Jul-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com