Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM518221 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM518221
Description  262,214-Word x 8-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM518221 Datasheet HTML 3Page - OKI electronic componets MSM518221 Datasheet HTML 4Page - OKI electronic componets MSM518221 Datasheet HTML 5Page - OKI electronic componets MSM518221 Datasheet HTML 6Page - OKI electronic componets MSM518221 Datasheet HTML 7Page - OKI electronic componets MSM518221 Datasheet HTML 8Page - OKI electronic componets MSM518221 Datasheet HTML 9Page - OKI electronic componets MSM518221 Datasheet HTML 10Page - OKI electronic componets MSM518221 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
¡ Semiconductor
MSM518221
Power-up and Initialization
On power-up, the device is designed to begin proper operation after at least 100 ms after VCC has
stabilized to a value within the range of recommended operating conditions. After this 100 ms
stabilization interval, the following initialization sequence must be performed.
Because the read and write address counters are not valid after power-up, a minimum of 80 dummy
write operations (SWCK cycles) and read operations (SRCK cycles) must be performed, followed by
an RSTW operation and an RSTR operation, to properly initialize the write and the read address
pointer. Dummy write cycles/RSTW and dummy read cycles/RSTR may occur simultaneously.
If these dummy read and write operations start while VCC and/or the substrate voltage has not
stabilized, it is necessary to perform an RSTR operation plus a minimum of 80 SRCK cycles plus
another RSTR operation, and an RSTW operation plus a minimum of 80 SRCK cycles plus another
RSTW operation to properly initialize read and write address pointers.
Old/New Data Access
There must be a minimum delay of 600 SWCK cycles between writing into memory and reading out
from memory. If reading from the first field starts with an RSTR operation, before the start of writing
the second field (before the next RSTW operation), then the data just written will be read out.
The start of reading out the first field of data may be delayed past the beginning of writing in the
second field of data for as many as 70 SWCK cycles. If the RSTR operation for the first field read-out
occurs less than 70 SWCK cycles after the RSTW operation for the second field write-in, then the
internal buffering of the device assures that the first field will still be read out. The first field of data
that is read out while the second field of data is written is called "old data".
Inordertoreadout"newdata",i.e.,thesecondfieldwrittenin,thedelaybetweenanRSTWoperation
and an RSTR operation must be at least 600 SRCK cycles. If the delay between RSTW and RSTR
operations is more than 71 but less than 600 cycles, then the data read out will be undetermined. It
may be "old data" or "new" data, or a combination of old and new data. Such a timing should be
avoided.


Similar Part No. - MSM518221

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518221A-25JS OKI-MSM518221A-25JS Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518221A-25ZS OKI-MSM518221A-25ZS Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518221A-30GS-K OKI-MSM518221A-30GS-K Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518221A-30JS OKI-MSM518221A-30JS Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
More results

Similar Description - MSM518221

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com