Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU2201 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TFDU2201
Description  Low Profile Transceiver Module PIN Photodiode and Infrared Emitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU2201 Datasheet(HTML) 6 Page - Vishay Siliconix

  TFDU2201 Datasheet HTML 1Page - Vishay Siliconix TFDU2201 Datasheet HTML 2Page - Vishay Siliconix TFDU2201 Datasheet HTML 3Page - Vishay Siliconix TFDU2201 Datasheet HTML 4Page - Vishay Siliconix TFDU2201 Datasheet HTML 5Page - Vishay Siliconix TFDU2201 Datasheet HTML 6Page - Vishay Siliconix TFDU2201 Datasheet HTML 7Page - Vishay Siliconix TFDU2201 Datasheet HTML 8Page - Vishay Siliconix TFDU2201 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 82539
Rev. 1.1, 08-Dec-04
TFDU2201
Vishay Semiconductors
Package Dimensions in mm
14484
0.5
7 x 0.8
8
0.8
1
2.3


Similar Part No. - TFDU2201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4100 VISHAY-TFDU4100 Datasheet
554Kb / 12P
   2.7-5.5V Serial Infrared Transceiver Module Family
Rev. A, 03-Apr-98
TFDU4100-TR3 VISHAY-TFDU4100-TR3 Datasheet
307Kb / 15P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU4100-TT3 VISHAY-TFDU4100-TT3 Datasheet
307Kb / 15P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU4100 VISHAY-TFDU4100_05 Datasheet
307Kb / 15P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
More results

Similar Description - TFDU2201

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
   Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
   Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
logo
Vishay Siliconix
VSMG10850 VISHAY-VSMG10850 Datasheet
73Kb / 2P
   New VSMG10850 and VSMB10940 Infrared Emitters and VEMD10940F Silicon PIN Photodiode
May 2013
logo
List of Unclassifed Man...
IBM31T1100 ETC-IBM31T1100 Datasheet
89Kb / 8P
   Integrated Infrared Transceiver Module
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
   Infrared IrDA Transceiver Module
logo
Siemens Semiconductor G...
LD2614444 SIEMENS-LD2614444 Datasheet
98Kb / 2P
   INFRARED EMITTER SINGLE AND ARRAYS
logo
Maxim Integrated Produc...
MAX3120 MAXIM-MAX3120 Datasheet
151Kb / 8P
   Low-Profile, 3V, 120uA, IrDA Infrared Transceiver
Rev 0; 10/98
logo
NTE Electronics
NTE3033 NTE-NTE3033 Datasheet
18Kb / 2P
   Infrared Photodiode
logo
Siemens Semiconductor G...
SFH431 SIEMENS-SFH431 Datasheet
39Kb / 1P
   INFRARED EMITTER
logo
Marktech Corporate
MTE8050 MARKTECH-MTE8050 Datasheet
179Kb / 2P
   Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com