Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6484RPFI Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 6484RPFI
Description  CMOS Quad Rail-to-Rail I/O Op Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

6484RPFI Datasheet(HTML) 1 Page - Maxwell Technologies

  6484RPFI Datasheet HTML 1Page - Maxwell Technologies 6484RPFI Datasheet HTML 2Page - Maxwell Technologies 6484RPFI Datasheet HTML 3Page - Maxwell Technologies 6484RPFI Datasheet HTML 4Page - Maxwell Technologies 6484RPFI Datasheet HTML 5Page - Maxwell Technologies 6484RPFI Datasheet HTML 6Page - Maxwell Technologies 6484RPFI Datasheet HTML 7Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
CMOS Quad Rail-to-Rail
6484
©2005 Maxwell Technologies
All rights reserved.
I/O Op Amp
01.06.05 Rev 4
FEATURES:
• Rad-Pak® technology-hardened against natural space
radiation
• Total dose hardness:
- >100 krad (Si), depending upon orbit and space mission
• Package:
• - 14 pin Rad-Pak® flat package
• Rail-to-Rail input common-mode voltage range (guaran-
teed over temperature
• Rail-to-Rail output swing (within 20 mV of supply rail, 100
k
load)
• Guaranteed 3V, 5V and 15V performance
• Excellent CMRR and PSRR: 82 dB
• Ultra low input current: 20 pA
• High voltage gain (RL = 500 k
): 130 dB
• Specified for 2 k
and 600 loads
DESCRIPTION:
Maxwell Technologies’ 6484 provides a common-mode range
that extends to both supply rails. This rail-to-rail performance
combined with excellent accuracy, due to a high CMRR<
makes it unique among rail-to-rail input amplifiers. It is ideal
for systems, such as data acquisition, that require a large
input signal range.
Maximum dynamic signal range is assured in low voltage and
single supply systems by the 6484’s rail-to-rail output swing.
The device’s rail-to-rail output swing is guaranteed for loads
down to 600
. Guaranteed low voltage characteristics and
low power dissipation make the 6484 especially well-suited for
battery-operated systems.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up toMaxwell Technologies self-defined Class
K.
IN-A
IN+A
IN-B
IN+B
IN-C
IN+C
IN-D
IN+D
OUT A
OUT B
OUT D
OUT C
V+
V-
Logic Diagram


Similar Part No. - 6484RPFI

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6484 POMONA-6484 Datasheet
43Kb / 2P
   Telecom 5 Way Alligator to Bantam Plug
logo
Festo Corporation.
6484 FESTO-6484 Datasheet
91Kb / 1P
   PE converter
7/13/22
More results

Similar Description - 6484RPFI

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
logo
Global Mixed-mode Techn...
G1212 GMT-G1212 Datasheet
501Kb / 6P
   Rail-to-Rail I/O OP Amp
G1244 GMT-G1244 Datasheet
38Kb / 1P
   Quad Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1211 GMT-G1211 Datasheet
212Kb / 6P
   Rail-to-Rail I/O, 100mA Output Op Amp
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
   RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_06 Datasheet
271Kb / 6P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
   RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com