Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

828H8EX-2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 828H8EX-2
Description  2 X 2 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

828H8EX-2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 828H8EX-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 828H8EX-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 828H8EX-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 828H8EX-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 828H8EX-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 828H8EX-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 828H8EX-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 828H8EX-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers 828H8EX-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
November 2000
Programmable Filters Modules
818, 824, 828, 828BP, 828BR, 854, 858, R854, R858
I. Scope
The following precautions are necessary when handling and installing Frequency Devices
programmable filter modules.
II. Digital Circuit Description
The digital input pins connect directly to 4000 series CMOS logic, such as the 4053 analog switch. The
power supply (Vss) for the digital logic on the module comes directly from the +15 Volt pin on the
module. This sets the threshold voltage at 11.0 V minimum to 15.0 V maximum for a "1" (High) level
and 0.0 V minimum to 4.0 V maximum for a "0" (Low) level. Applying a voltage between 4.0 and 11.0
V will produce unpredictable operation. Connecting 5 Volt or 3.3 V logic devices directly to the filter
module without using a voltage translator will result in erratic operation of the filter.
III. (VERY IMPORTANT) Power-Up and Power-Down Sequence
Do not plug-in or un-plug module while power is applied. It is imperative that power is
supplied to the + 15 V pin on the filter module before or at the same instance that any digital pin is
pulled High (> 0.0 V). Failure to do this will result in excessive current flowing through the digital input
pin and through a protection diode internal to the 4000 logic, which will result in damage to the module.
The proper power-up and power-down sequence is:
1. Connect filter module ground.
2. Connect filter module +15 V.
3. Connect filter module -15 V.
4. Connect the input signal.
All four of the above steps can also occur simultaneously. Power-down should occur in the reverse
order.
IV. ESD Issues
Like most modern electronic equipment, the modules can be damaged by electrostatic discharge (ESD).
The modules are shipped from the factory in sealed, anti-static packaging and should be kept in the
sealed package prior to mounting on a circuit board. The following additional rules should also be
observed when handling the modules after they are removed from the factory packaging:
1. Only a person wearing a properly grounded wrist strap should handle the modules.
2. Any work surface that the modules are placed on must be properly ESD grounded.
3. Any insulating materials capable of generating static charge (such as paper) should be kept
away from the modules.
Static generating clothing should be covered with an ESD-protective smock.
1
Product Handling
Procedure
Programmable Filter Modules Power Sequence & ESD


Similar Part No. - 828H8EX-2

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
828H8EX-2 FREQUENCYDEVICES-828H8EX-2 Datasheet
569Kb / 19P
   2" x 2" 8-Pole Filters
More results

Similar Description - 828H8EX-2

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
828L8B-2 FREQUENCYDEVICES-828L8B-2 Datasheet
569Kb / 19P
   2" x 2" 8-Pole Filters
logo
List of Unclassifed Man...
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
858L8B ETC1-858L8B Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
D828L8B-2 FREQUENCYDEVICES-D828L8B-2 Datasheet
711Kb / 18P
   2" x 2" Differential Input 8-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
D824L8B-2 FREQUENCYDEVICES-D824L8B-2 Datasheet
539Kb / 13P
   2" x 2" Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com