Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74LV174N Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74LV174N
Description  Hex D-type flip-flop with reset; positive edge-trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV174N Datasheet(HTML) 3 Page - Integral Corp.

  IN74LV174N Datasheet HTML 1Page - Integral Corp. IN74LV174N Datasheet HTML 2Page - Integral Corp. IN74LV174N Datasheet HTML 3Page - Integral Corp. IN74LV174N Datasheet HTML 4Page - Integral Corp. IN74LV174N Datasheet HTML 5Page - Integral Corp. IN74LV174N Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IN74LV174
3
INTEGRAL
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Test
VCC
Guaranteed Limit
Symbol
Parameter
conditions
V
-40
°C to 25°C
85
°C
125
°C
Unit
min
max
min
max
min
max
VIH
HIGH level input
voltage
1.2
2.0
2.7
3.0
3.6
4.5
5.5
0.9
1.4
2.0
2.0
2.0
3.15
3.85
-
-
-
-
-
-
-
0.9
1.4
2.0
2.0
2.0
3.15
3.85
-
-
-
-
-
-
-
0.9
1.4
2.0
2.0
2.0
3.15
3.85
-
-
-
-
-
-
-
V
VIL
LOW level input
voltage
1.2
2.0
2.7
3.0
3.6
4.5
5.5
-
-
-
-
-
-
-
0.3
0.6
0.8
0.8
0.8
1.35
1.65
-
-
-
-
-
-
-
0.3
0.6
0.8
0.8
0.8
1.35
1.65
-
-
-
-
-
-
-
0.3
0.6
0.8
0.8
0.8
1.35
1.65
V
VOH
HIGH level output
voltage
VI = VIH or VIL
IO = -100
µÀ
1.2
2.0
2.7
3.0
3.6
4.5
5.5
1.05
1.85
2.55
2.85
3.45
4.35
5.35
-
-
-
-
-
-
-
1.0
1.8
2.5
2.8
3.4
4.3
5.3
-
-
-
-
-
-
-
1.0
1.8
2.5
2.8
3.4
4.3
5.3
-
-
-
-
-
-
-
V
VI = VIH or VIL
IO = -6 mÀ
3.0
2.48
-
2.34
-
2.20
-
V
VI = VIH or VIL
IO = -12 mÀ
4.5
3.70
-
3.60
-
3.50
-
V
VOL
LOW level output
voltage
VI = VIH or VIL
IO = 100
µÀ
1.2
2.0
2.7
3.0
3.6
4.5
5.5
-
-
-
-
-
-
-
0.15
0.15
0.15
0.15
0.15
0.15
0.15
-
-
-
-
-
-
-
0.2
0.2
0.2
0.2
0.2
0.2
0.2
-
-
-
-
-
-
-
0.2
0.2
0.2
0.2
0.2
0.2
0.2
V
VI = VIH or VIL
IO = 6 mÀ
3.0
-
0.33
-
0.40
-
0.50
V
VI = VIH or VIL
IO = 12 mÀ
4.5
-
0.40
-
0.55
-
0.65
V
II
Input current
VI = VCC or 0 V
5.5
-
±0.1
-
±1.0
-
±1.0
µÀ
ICC
Supply current
VI =VCC or 0 V
IO = 0
µÀ
5.5
-
8.0
-
80
-
160
µÀ
ICC1
Additional
quiescent supply
current per input
VI =VCC – 0.6 V
2.7
3.6
-
0.2
0.2
-
0.5
0.5
-
0.85
0.85
mA


Similar Part No. - IN74LV174N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV138 INTEGRAL-IN74LV138 Datasheet
84Kb / 8P
   3-to-8 line decoder/demultiplexer;inverting
IN74LV138D INTEGRAL-IN74LV138D Datasheet
84Kb / 8P
   3-to-8 line decoder/demultiplexer;inverting
IN74LV138N INTEGRAL-IN74LV138N Datasheet
84Kb / 8P
   3-to-8 line decoder/demultiplexer;inverting
IN74LV139 INTEGRAL-IN74LV139 Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
IN74LV139D INTEGRAL-IN74LV139D Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
More results

Similar Description - IN74LV174N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com