Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6130SO8B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # A6130SO8B
Description  High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6130SO8B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button A6130SO8B Datasheet HTML 6Page - List of Unclassifed Manufacturers A6130SO8B Datasheet HTML 7Page - List of Unclassifed Manufacturers A6130SO8B Datasheet HTML 8Page - List of Unclassifed Manufacturers A6130SO8B Datasheet HTML 9Page - List of Unclassifed Manufacturers A6130SO8B Datasheet HTML 10Page - List of Unclassifed Manufacturers A6130SO8B Datasheet HTML 11Page - List of Unclassifed Manufacturers A6130SO8B Datasheet HTML 12Page - List of Unclassifed Manufacturers A6130SO8B Datasheet HTML 13Page - List of Unclassifed Manufacturers A6130SO8B Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
A6130
T
WD versus VDD at TJ = +85°C
T
WD versus VOUTPUT at TJ = -40°C
T
WD versus R at TJ = +85°C
T
WD versus R at TJ = -40°C
Fig. 15
Fig. 16
Fig. 17
Fig. 18


Similar Part No. - A6130SO8B

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A613ERU MPD-A613ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
More results

Similar Description - A6130SO8B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
List of Unclassifed Man...
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
V6130 ETC-V6130 Datasheet
514Kb / 12P
   Accurate Power Surveillance and Software Monitoring
V6150 ETC1-V6150 Datasheet
169Kb / 12P
   Power Surveillance and Software Monitoring
V6170 ETC1-V6170 Datasheet
165Kb / 12P
   Accurate Voltage Window Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
V6155 EMMICRO-V6155 Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
ABB
M4M ABB-M4M Datasheet
1Mb / 10P
   Accurate electrical measuring and power monitoring.
logo
Level One
FCS-9404 LVL1-FCS-9404 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com