Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6155DL8A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A6155DL8A
Description  High Efficiency Linear Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6155DL8A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A6155DL8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 8Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
A6155
Electrical Characteristics
VINPUT = 6.0 V, CL = 10 µF + 100 nF, CINPUT = 22 µF, TJ = -40 to +85 °C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min. Typ.
Max.
Unit
Supply current in standby mode I
SS
R
EXT = don’t care, TCL = VOUTPUT,
(switched to R
INT)VIN = VOUTPUT, IL = 100 µA
O/P
S 1 Mto VOUTPUT
350
µA
Supply current 1)
I
SS
R
EXT = 100 k, I/PS at VOUTPUT,
O/P
S 1 Mto VOUTPUT, IL = 100 µA
155
400
µA
Supply current 1)
I
SS
R
EXT = 100 k, I/PS at VOUTPUT, VINPUT =
8.0 V, O/P
S 1 Mto VOUTPUT, IL = 100 mA
1.7
4.2
mA
Output voltage
V
OUTPUT
I
L = 100 µA
4.88
5.12
V
Output voltage
V
OUTPUT
100 µA IL 100 mA,
-40 °C TJ +85 °C
4.85
5.15
V
Output voltage temperature
Coefficient 2)
V
th(coeff)
50
180
ppm/°C
Line regulation 3)
V
LINE
6 V VINPUT 26 V, IL = 1 mA,
T
J = +85 °C0.2
0.5
%
Load regulation 3)
V
L
100 µA IL 100 mA
0.2
0.6
%
Dropout voltage 4)
V
DROPOUT
I
L = 100 µA
40
170
mV
Dropout voltage 4)
V
DROPOUT
I
L = 100 mA
380
mV
Dropout voltage 4)
V
DROPOUT
I
L = 100 mA, -40 °C TJ +85 °C
650
mV
Dropout supply current
I
SS
V
INPUT = 4.5 V, IL = 100 µA,
R
EXT = 100 k, O/PS 1 Mto
V
OUTPUT, I/PS at VOUTPUT
1.2
1.6
mA
Thermal regulation 5)
V
thr
T
J = +25 °C, IL = 50 mA,
V
INPUT = 26 V, T = 10 ms
0.05
0.25
%/W
Current limit
I
Lmax
OUTPUT tied to V
SS
450
mA
OUTPUT noise, 10Hz to 100kHz V
NOISE
200
µVrms
3.0 VOUTPUT 5.5 V, IL = 100 µA, CL = 10 µF + 100 nF, CINPUT = 22 µF, TJ = -40 to +85 °C, unless otherwise specified
RES and EN
Output Low Voltage
V
OL
V
OUTPUT = 4.5 V, IOL= 20 mA
0.4
V
V
OL
V
OUTPUT = 4.5 V, IOL = 8 mA
0.2
0.4
V
V
OL
V
OUTPUT = 2.0 V, IOL = 4 mA
0.2
0.4
V
V
OL
V
OUTPUT = 1.2 V, IOL = 0.5 mA
0.06
0.2
V
EN
Output High Voltage
V
OH
V
OUTPUT = 4.5 V, IOH= -1 mA
3.5
4.1
V
V
OH
V
OUTPUT = 2.0 V, IOH= -100 µA1.8
1.9
V
V
OH
V
OUTPUT = 1.2 V, IOH= -30 µA1.0
1.1
V
TCL and V
IN
TCL Input Low Level
V
IL
V
SS
0.8
V
TCL Input High Level
V
IH
2.0
V
OUTPUT
V
Leakage current TCL input
I
LI
V
SS VTCL VOUTPUT
0.05
1
µA
V
IN input resistance
R
VIN
100
M
Comparator reference 6)7)
V
REF
T
J = +25 °C
1.25 1.275
1.30
V
V
REF
1.24
1.31
V
Comparator hysteresis 7)
V
HY
2
mV
1) If INPUT is connected to VSS, no reverse current will flow from the OUTPUT to the INPUT, however the supply
Table 3
current specified will be sank by the OUTPUT to supply the A6155.
2) The OUTPUT voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
3) Regulation is measured at constant junction temperature using pulse testing with a low duty cycle. Changes in OUTPUT voltage
due to heating effects are covered in the specification for thermal regulation.
4) The dropout voltage is defined as the INPUT to OUTPUT differential, measured with the input voltage equal to 5.0 V.
5) Thermal regulation is defined as the change in OUTPUT voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects.
6) The comparator and the voltage regulator have separate voltage references (see “ Block Diagram” Fig. 8).
7) The comparator reference is the power-down reset threshold. The power-on reset threshold equals the comparator reference
voltage plus the comparator hysteresis (see Fig. 5).


Similar Part No. - A6155DL8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A6150A08P ETC1-A6150A08P Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6150A0DL8A ETC1-A6150A0DL8A Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
More results

Similar Description - A6155DL8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
CUI INC
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
   linear power supply
EPA090050-S-T-SZ CUI-EPA090050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
EPA120100-S-T-SZ CUI-EPA120100-S-T-SZ Datasheet
750Kb / 7P
   linear power supply
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
   linear power supply
EPA090100-S-T-SZ CUI-EPA090100-S-T-SZ Datasheet
749Kb / 7P
   linear power supply
EPA240050-S CUI-EPA240050-S Datasheet
742Kb / 7P
   linear power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com