Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6155DL8A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A6155DL8A
Description  High Efficiency Linear Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6155DL8A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A6155DL8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 8Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
A6155
Voltage Monitoring
Timer Reaction
Combined Voltage and Timer Reaction
TSEN
TSEN
TSEN
TSEN
T
POR
T
POR
RES
V
IN
V
REF
V
HY
Conditions:
V
OUTPUT 3 V
No timeout
Fig. 5
TCW+TOW
T
OW
V
IN
V
REF
TCL
RES
EN
Condition:
V
OUTPUT 3 V
- Watchdog timer reset
TCL
too early
3 correct TCL services
→EN goes active low
1
2
3
T
POR=TWD
T
CW
T
RI
T
RIR
After 3 reset pulse periods
→ switch to R internal
Fig. 7
TTCL
TCW + TOW
- Watchdog timer reset
Conditions: VIN > VREF after power-up sequence
TCL
RES
3 correct TCL services
→EN goes active low
1
2
3
Timeout
TCW +TOW
TCW + TOW
TCW + TOW
TCW
TCW + TOW
TRI
TWDR
TRIR
TCW
TOW
TWDR
After 3 reset pulse
periods
→ switch to R internal
After one edge (falling or rising)
on TCL input
→ switch to R input
Fig. 6
EN


Similar Part No. - A6155DL8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A6150A08P ETC1-A6150A08P Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6150A0DL8A ETC1-A6150A0DL8A Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
More results

Similar Description - A6155DL8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
CUI INC
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
   linear power supply
EPA090050-S-T-SZ CUI-EPA090050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
EPA120100-S-T-SZ CUI-EPA120100-S-T-SZ Datasheet
750Kb / 7P
   linear power supply
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
   linear power supply
EPA090100-S-T-SZ CUI-EPA090100-S-T-SZ Datasheet
749Kb / 7P
   linear power supply
EPA240050-S CUI-EPA240050-S Datasheet
742Kb / 7P
   linear power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com