Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

854L8L-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 854L8L-3
Description  2 X 4 4-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

854L8L-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  854L8L-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 854L8L-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 854L8L-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 854L8L-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers 854L8L-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 854L8L-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 854L8L-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 854L8L-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers 854L8L-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
8-Bit Programmable Filters
854 Series
Digital Tuning &
Control Characteristics
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
MSB
---
---
---
---
---
---
LSB
27
26
25
24
23
22
21
20
D7
D6
D5
D4
D3
D2
D1
D0
00000000
fmax/256
00000001
fmax/128
00000011
fmax/64
00000111
fmax/32
00001111
fmax/16
00011111
fmax/8
00111111
fmax/4
01111111
fmax/2
11111111
fmax
Bit
Weight
fc
Corner
Frequency
+Vs
OUT
-Vs
D
D
D
D
GND
D
D
D
D
C
P
IN
Bottom View
Os
4
5
3
2
1
0
6
7
Pin-Out Key
IN
Analog Input Signal
D7 Tuning Bit 7 (MSB)
OUT Analog Output Signal
D6 Tuning Bit 6
GND Power and Signal Return
D5 Tuning Bit 5
"P"
Transition Polarity Bit
D4 Tuning Bit 4
"C"
Tuning Strobe Bit
D3 Tuning Bit 3
+Vs
Supply Voltage, Positive
D2 Tuning Bit 2
-Vs
Supply Voltage, Negative
D1 Tuning Bit 1
Os
Optional Offset Adjustment
D0 Tuning Bit 0 (LSB)
Digital Tuning Characteristics
The digital tuning interface circuits are two 4042 quad CMOS
latches which accept the following CMOS-compatible inputs:
eight tuning bits (D0 - D7), a latch strobe bit (C), and a transition
polarity bit (P).
Filter tuning follows the tuning equation given below:
fc = ( fmax/256 ) [ 1 + D7 x 27 + D6 x 26 + D5 x 25 + D4 x 24 + D3
x 23 + D2 x 22 + D1 x 21 + D0 x 20 ]
where D1 - D7 = "0" or "1", and
fmax = Maximum tuning frequency;
fc = corner frequency;
Minimum tunable frequency = fmax/256 (D0 thru D7 = 0);
Minimum frequency step (Resolution) = fmax/256
Data Control Specifications
Data Control Lines
Functions
Latch Strobe (C)
Transition Polarity (P)
Data Control Modes
Mode 1
P = 0; C = 0
frequency follows input codes
P = 0; C = 0
frequency latched on rising edge
Mode 2
P = 1; C = 1
frequency follows input codes
P = 1; C = 1
frequency latched on falling edge
Input Data Levels
(CMOS Logic)
Input Voltage (Vs = 15 Vdc)
Low Level In
0 Vdc min.
4 Vdc max.
High Level In
11 Vdc min.
15 Vdc max.
Input Current
High Level In
- 10 -5
mA typ.
-1
mA max.
Low Level In
+10 -5
mA typ.
+1
mA max.
Input Capacitance
5 pF typ
7.5 pF max.
Latch Response
Data Set Up Time
1
25 nS
Data Hold Time
2
50 nS
Strobe Pulse Width
80 nS min.
Input Data Format
Frequency Select Bits
Positive Logic
Logic "1" = +Vs
Logic "0" = Gnd
Bit Weighting
(Binary-Coded)
D0
LSB (least significant bit)
D7
MSB (most significant bit)
Frequency Range
256 : 1, Binary Weighted
Notes:
1. Frequency data must be present before occurrence of strobe edge.
2. Frequency data must be present after occurrence of strobe edge.


Similar Part No. - 854L8L-3

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
854L8L-3 FREQUENCYDEVICES-854L8L-3 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
More results

Similar Description - 854L8L-3

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
logo
List of Unclassifed Man...
858L8B ETC1-858L8B Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
R854 FREQUENCYDEVICES-R854 Datasheet
441Kb / 13P
   2" x 4" Range Switch 4-Pole Filters
D824L8B-2 FREQUENCYDEVICES-D824L8B-2 Datasheet
539Kb / 13P
   2" x 2" Differential Input 4-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com