Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFM1216Q2M Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KFM1216Q2M
Description  FLASH MEMORY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFM1216Q2M Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KFM1216Q2M Datasheet HTML 6Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 7Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 8Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 9Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 10Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 11Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 12Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 13Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
MuxOneNAND512(KFM1216Q2M)
FLASH MEMORY
10
3. PIN DESCRIPTION
NOTE:
Do not leave power supply(VCC, VSS) disconnected.
Pin Name
Type
Nameand Description
Host Interface
ADQ15~ADQ0
I/O
Multiplexed Address/Data bus
- Inputs for addresses during read operation, which are for addressing BufferRAM & Register.
- Inputs data during program and commands during all operations, outputs data during memory array/
register read cycles.
Data pins float to high-impedance when the chip is deselected or outputs are disabled.
INT
O
Interrupt
Notifying Host when a command has completed. It is open drain output with internal resistor(~50kohms).
After power-up, it is at hi-z condition. Once IOBE is set to 1, it does not float to hi-z condition even when
the chip is deselected or when outputs are disabled.
RDY
O
Ready
Indicates data valid in synchronous read modes and is activated while CE is low
CLK
I
Clock
CLK synchronizes the device to the system bus frequency in synchronous read mode.
The first rising edge of CLK in conjunction with AVD low latches address input.
WE
I
Write Enable
WE controls writes to the bufferRAM and registers. Datas are latched on the WE pulse’s rising edge
AVD
I
Address Valid Detect
Indicates valid address presence on address inputs. During asynchronous read operation, all addresses
are latched on AVD’s rising edge, and during synchronous read operation, all addresses are latched on
CLK’s rising edge while AVD is held low for one clock cycle.
> Low : for asynchronous mode, indicates valid address ;for burst mode,
causes starting address to be latched on rising edge on CLK
> High : device ignores address inputs
RP
I
Reset Pin
When low, RP resets internal operation of MuxOneNAND. RP status is don’t care during power-up
and bootloading.
CE
I
Chip Enable
CE-low activates internal controll logic, and CE-high deselects the device, places it in standby state,
and places A/DQ in Hi-Z
OE
I
Output Enable
OE-low enables the device’s output data buffers during a read cycle.
Power Supply
VCC-Core/Vcc
Power for MuxOneNAND Core
This is the power supply for MuxOneNAND Core.
VCC-IO/Vccq
Power for MuxOneNAND I/O
This is the power supply for MuxOneNAND I/O
Vcc-IO is internally connected to Vcc-Core, thus should be connected to the same power supply.
VSS
Ground for MuxOneNAND
etc
DNU
Do Not Use
Leave it disconnected. These pins are used for testing.
NC
No Connection
Lead is not internally connected.


Similar Part No. - KFM1216Q2M

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
KFM10100C-D PACELEADER-KFM10100C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM10150C-D PACELEADER-KFM10150C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM10200C-D PACELEADER-KFM10200C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM1020C-D PACELEADER-KFM1020C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM1030C-D PACELEADER-KFM1030C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - KFM1216Q2M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com