Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

854L8Y2-3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 854L8Y2-3
Description  2 X 4 4-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

854L8Y2-3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  854L8Y2-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
854 Series
4-Pole
Low-Pass Filters
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Bit Programmable
1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
3
Model
854L8B
854L8L
854L8Y2
854L8Y5
Product Specifications
Transfer Function
4-Pole,
4-Pole,
4-Pole, Chebychev,
4-Pole, Chebychev,
Butterworth
Bessel
0.2 dB Ripple
0.5 dB Ripple
Size, Model 1 & 2
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
Model 3 thru 6
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
Range fc
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 7
Page 2
Page 12
Page 15
Passband Ripple
0.0 dB
0.0 dB
0.20 dB
0.05 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
Stopband
Attenuation Rate
24 dB/octave
24 dB/octave
24 dB/octave
24 dB/octave
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
Stability
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
Amplitude
-3 dB
-3 dB
-3 dB
-3 dB
Phase
-180°
-121°
-231°
-245°
Filter Attenuation
0.67 dB
0.80 fc
1.86 dB
0.80 fc
-0.20 dB
0.80 fc
-0.43 dB
0.80 fc
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
30.0 dB
2.37 fc
30.0 dB
3.50 fc
30.0 dB
1.89 fc
30.0 dB
1.80 fc
40.0 dB
3.16 fc
40.0 dB
4.72 fc
40.0 dB
2.46 fc
40.0 dB
2.33 fc
Phase Match1
0 - 0.8 fc
± 2° max.
0 - fc
± 2° max.
0 - 0.8 fc
± 2° max.
0 - 0.8 fc
± 2° max.
± 1° typ.
± 1° typ.
± 1° typ.
± 1° typ.
0.8 fc - 1.0 fc ± 3° max.
0.8 fc - 1.0 fc ± 3° max.
0.8 fc - 1.0 fc ± 3° max.
± 1.5° typ.
± 1.5° typ.
± 1.5° typ.
Amplitude Accuracy
0 - 0.8 fc
± 0.2 dB max.
0 - fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
(theoretical)
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fc - 1.0 fc ± 0.3 dB max.
± 0.15 dB typ.
± 0.15 dB typ.
± 0.15 dB typ.
Total Harmonic
< - 100 dB typ.
< - 100 dB typ.
< - 88 dB typ.
< - 88 dB typ.
Distortion @ 1 kHz
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
200
mVrms typ.
200
mVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
50
mVrms typ.
50
mVrms typ.
(5 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-03A
FMA-03A
FMA-03A
FMA-03A


Similar Part No. - 854L8Y2-3

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
854L8Y2-3 FREQUENCYDEVICES-854L8Y2-3 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
More results

Similar Description - 854L8Y2-3

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
logo
List of Unclassifed Man...
858L8B ETC1-858L8B Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
R854 FREQUENCYDEVICES-R854 Datasheet
441Kb / 13P
   2" x 4" Range Switch 4-Pole Filters
D824L8B-2 FREQUENCYDEVICES-D824L8B-2 Datasheet
539Kb / 13P
   2" x 2" Differential Input 4-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com