Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

854L8Y2-3 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 854L8Y2-3
Description  2 X 4 4-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

854L8Y2-3 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 854L8Y2-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers 854L8Y2-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Low-Pass
4-Pole, 0.2 dB Ripple
Appendix A
Chebychev
12
25 Locust St., Haverhill, Massachusetts 01830
Tel :800/252-7074, 978/374-0761 FAX:978/521-1839
e-mail: sales@freqdev.com
Web Address: http://www.freqdev.com Fax on Demand: 978/521-5178
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Frequency Response
Delay (Normalized)
Step Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7 8
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1.0
2
3
4
5 6 7 8 9
0.0
1.0
2.0
1.5
0.15
(sec)
Theoretical Transfer Characteristics
1
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
-71.9
-77.3
-82.0
-86.1
-89.8
-47.3
-50.2
-52.8
-57.6
-65.5
-30.2
-32.2
-36.7
-40.6
-44.1
-17.7
-20.7
-23.4
-25.8
-28.1
-1.47
-3.01
-6.89
-10.8
-14.5
0.000
0.074
0.199
0.063
-0.443
0.000
0.039
0.129
0.195
0.174
0.074
-347
-349
-351
-352
-352
-334
-336
-338
-341
-345
-294
-300
-306
-310
-313
-214
-231
-257
-274
-286
-113
-135
-162
-178
-196
0.00
-17.3
-35.2
-54.0
-73.4
-93.2
.006
.004
.003
.003
.002
.026
.022
.018
.014
.009
.078
.068
.051
.039
.032
.202
.158
.128
.107
.090
.989
.873
.583
.385
.271
.575
.654
.836
.947
1.02
.478
.487
.509
.533
.547
.553
-316
-319
-324
-328
-331


Similar Part No. - 854L8Y2-3

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
854L8Y2-3 FREQUENCYDEVICES-854L8Y2-3 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
More results

Similar Description - 854L8Y2-3

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
logo
List of Unclassifed Man...
858L8B ETC1-858L8B Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
R854 FREQUENCYDEVICES-R854 Datasheet
441Kb / 13P
   2" x 4" Range Switch 4-Pole Filters
D824L8B-2 FREQUENCYDEVICES-D824L8B-2 Datasheet
539Kb / 13P
   2" x 2" Differential Input 4-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com