Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT77V011L155DA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IDT77V011L155DA
Description  Data Path Interface to Utopia Level 2 Translation Device
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IDT77V011L155DA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IDT77V011L155DA Datasheet HTML 1Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5 of 43
March 15, 2001
IDT77V011
TxDATA [11]
2
O
Normal
8-bit or 16-bit UTOPIA 2 output data bus used to transfer data to a PHY device. When in 8-bit mode use
TxDATA [7:0].
TxDATA [12]
143
O
Normal
8-bit or 16-bit UTOPIA 2 output data bus used to transfer data to a PHY device. When in 8-bit mode use
TxDATA [7:0].
TxDATA [13]
142
O
Normal
8-bit or 16-bit UTOPIA 2 output data bus used to transfer data to a PHY device. When in 8-bit mode use
TxDATA [7:0].
TxDATA [14]
141
O
Normal
8-bit or 16-bit UTOPIA 2 output data bus used to transfer data to a PHY device. When in 8-bit mode use
TxDATA [7:0].
TxDATA [15]
140
O
Normal
8-bit or 16-bit UTOPIA 2 output data bus used to transfer data to a PHY device. When in 8-bit mode use
TxDATA [7:0].
TSOC
134
O
Normal
UTOPIA 2 Transmit Start of Cell marker.
TCLAV
126
I
Normal
UTOPIA 2 Transmit Cell Available.
TENB
138
O
Normal
UTOPIA 2 Transmit Enable.
TxADDR[0]
129
O
Normal
UTOPIA 2 Transmit Address Bus [LSB].
I
Reset
Subport Byte Location. Indicates what byte the Tx and Rx Subport Address is located in [LSB].
TxADDR[1]
130
O
Normal
UTOPIA 2 Transmit Address Bus [LSB+1].
I
Reset
Subport Byte Location. Indicates what byte the Tx and Rx Subport Address is located in [LSB+1].
TxADDR[2]
131
O
Normal
UTOPIA 2 Transmit Address Bus [LSB+2].
I
Reset
Subport Byte Location. Indicates what byte the Tx and Rx Subport Address is located in [MSB].
TxADDR[3]
132
O
Normal
UTOPIA 2 Transmit Address Bus [LSB+3].
I
Reset
Initialize from EEPROM. Selects whether five bytes of EEPROM are to be written to In-Stream™ Cell
Header and In-Stream™ Subport. "0" do not write five byte value, "1" write five byte value from EEPROM.
TxADDR[4]
133
O
Normal
UTOPIA 2 Transmit Address Bus [MSB].
TxLED
137
O
Normal
UTOPIA 2 Transmit LED.
TCLK
128
O
Normal
UTOPIA 2 Transmit Clock.
TxPRTY
139
O
Normal
Parity for DTxDATA [15:0].
REFCLK
125
I
Normal
8 KHz reference clock used to generate TxREF.
TxREF
16
O
Normal
8KHz reference clock used by PHY.
EECLK
50
O
Normal
EEPROM Clock.
EECS
49
O
Normal
EEPROM Chip Select.
EEDIN
47
I
Normal
Serial Input from the EEPROM.
EEDOUT
48
O
Normal
Serial Output to the EEPROM.
BMODE
70
I
Normal
Bus Mode. Selects Motorola or Intel bus mode. "0" selects Motorola, "1" selects Intel.
MBUS[0]
67
O
UTOPIA 2 Address Bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[1]).
I
Reset
TxSIZE[0] - Number of bytes to remove from cell in transmit direction (LSB).
MBUS[1]
66
O
UTOPIA 2 Address bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[2]).
I
Reset
TxSIZE[1] - number of bytes to remove from cell in transmit direction (LSB + 1).
3LQ 1DPH
3LQ
1XPEHU
,QSXW
2XWSXW 0RGH
'HVFULSWLRQ


Similar Part No. - IDT77V011L155DA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V011 RENESAS-IDT77V011 Datasheet
950Kb / 44P
   Data Path Interface (DPI) to Utopia Level 2 Translation Device
March 15, 2001
More results

Similar Description - IDT77V011L155DA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V011 RENESAS-IDT77V011 Datasheet
950Kb / 44P
   Data Path Interface (DPI) to Utopia Level 2 Translation Device
March 15, 2001
logo
List of Unclassifed Man...
IDT77010 ETC1-IDT77010 Datasheet
141Kb / 21P
   Data Path Interface to Utopia Level 1 Translation Device
logo
Renesas Technology Corp
IDT77010 RENESAS-IDT77010 Datasheet
301Kb / 22P
   Data Path Interface (DPI) to Utopia Level 1 Translation Device
June 24, 2002
logo
List of Unclassifed Man...
IDT77V012 ETC1-IDT77V012 Datasheet
677Kb / 46P
   Data Path Interface to UTOPIA Level 1 Header Translation Device
logo
Renesas Technology Corp
IDT77V012 RENESAS-IDT77V012 Datasheet
887Kb / 47P
   Data Path Interface (DPI) to UTOPIA Level 1 Header Translation Device
March 26, 2001
logo
Actel Corporation
COREU1PHY-XX ACTEL-COREU1PHY-XX Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1LL-XX ACTEL-COREU1LL-XX Datasheet
103Kb / 8P
   CoreU1LL UTOPIA Level 1 Link-Layer Interface
MC-ACT-HDLC-NET ACTEL-MC-ACT-HDLC-NET Datasheet
276Kb / 5P
   UTOPIA Level 3 PHY
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
   OC-3 ATM SAR Controller with UTOPIA Level 2
28236-BRF-001-A MA-COM-28236-BRF-001-A Datasheet
515Kb / 4P
   OC-3 ATM SAR Controller with UTOPIA Level 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com