Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6150A18P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A6150A18P
Description  High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6150A18P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A6150A18P Datasheet HTML 1Page - List of Unclassifed Manufacturers A6150A18P Datasheet HTML 2Page - List of Unclassifed Manufacturers A6150A18P Datasheet HTML 3Page - List of Unclassifed Manufacturers A6150A18P Datasheet HTML 4Page - List of Unclassifed Manufacturers A6150A18P Datasheet HTML 5Page - List of Unclassifed Manufacturers A6150A18P Datasheet HTML 6Page - List of Unclassifed Manufacturers A6150A18P Datasheet HTML 7Page - List of Unclassifed Manufacturers A6150A18P Datasheet HTML 8Page - List of Unclassifed Manufacturers A6150A18P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
EM MICROELECTRONIC-MARIN SA
A6150
High Efficiency Linear Power Supply with
Power Surveillance and Software Monitoring
Features
Highly accurate 5 V, 100 mA guaranteed output
Low dropout voltage, typically 380 mV at 100 mA
Low quiescent current, typically 175 µA
Standby mode, maximum current 340 µA (with
100 µA load on OUTPUT)
Unregulated DC input can withstand –20 V reverse
battery and + 60 V power transients
Fully operational for unregulated DC input voltage
up to 26 V and regulated output voltage down to 3.0 V
Reset output guaranteed for regulated output voltage
down to 1.2 V
No reverse output current
Very low temperature coefficient for the regulated output
Current limiting
Comparator for voltage monitoring,voltage reference
1.52 V
Programmable reset voltage monitoring
Programmable power on reset (POR ) delay
Watchdog with programmable time windows guarant-
ees a minimum time and a maximum time between
software clearing of the watchdog
Time base accuracy ± 10%
System enable output offers added security
TTL/CMOS compatible
-40 to +85 °C temperature range
On request extended temperature range,-40 to +125 °C
DIP8 and SO8 packages
Description
The A6150 offers a high level of integration by combining
voltage regulation, voltage monitoring and software
monitoring in an 8 lead package. The voltage regulator
has a low dropout voltage (typ. 380 mV at 100 mA) and a
low quiescent current (175 µA). The quiescent current
increases only slightly in dropout prolonging battery life.
Built-in protection includes a positive transient absorber for
up to 60 V (load dump) and the ability to survive an
unregulated input voltage of –20 V (reverse battery). The
input may be connected to ground or a reverse voltage
without reverse current flow from the output to the input. A
comparator monitors the voltage applied at the V
IN input
comparing it with an internal 1.52 V reference. The power-
on reset function is initialized after V
IN reaches 1.52 V and
takes the reset output inactive after T
POR depending of
external resistance. The reset output goes active low when
the V
IN voltage is less than 1.52 V. The RES and EN
outputs are guaranteed to be in a correct state for a
regulated output voltage as low as 1.2 V. The watchdog
function monitors software cycle time and execution. If
software clears the watchdog too quickly (incorrect
cycle time) or too slowly (incorrect execution) it will
cause the system to be reset. The system enable
output prevents critical control functions being
activated until software has successfully cleared the
watchdog three times. Such a security could be used
to prevent motor controls being energized on
repeated resets of a faulty system.
Applications
Automotive systems
Cellular telephones
Security systems
Battery powered products
High efficiency linear power supplies
Automotive electronics
Typical Operating Configuration
Pin Assignment
5 V
Fig. 1
GND
A6150
V
IN
TCL
RES
EN
R
V
SS
INPUT OUTPUT
Unregu-
lated
voltage
Version A0:
Version A1:
DIP8/ SO8
OUTPUT
Fig. 2
V
IN
R
INPUT
A6150
EN
RES
TCL
V
SS


Similar Part No. - A6150A18P

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
logo
AiT Semiconductor Inc.
A6150C5R-XX AITSEMI-A6150C5R-XX Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
A6150C5VR-XX AITSEMI-A6150C5VR-XX Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
A6150E5R-XXZ AITSEMI-A6150E5R-XXZ Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
More results

Similar Description - A6150A18P

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
List of Unclassifed Man...
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
V6150 ETC1-V6150 Datasheet
169Kb / 12P
   Power Surveillance and Software Monitoring
V6130 ETC-V6130 Datasheet
514Kb / 12P
   Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
V6155 EMMICRO-V6155 Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
logo
List of Unclassifed Man...
V6170 ETC1-V6170 Datasheet
165Kb / 12P
   Accurate Voltage Window Surveillance and Software Monitoring
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
Level One
FCS-9404 LVL1-FCS-9404 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
logo
Renesas Technology Corp
X80200 RENESAS-X80200 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com