Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT77950 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IDT77950
Description  SwitchStarTM Reference Design Using the IDT77V400 Switching Memory and IDT77V500 Switch Controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IDT77950 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IDT77950 Datasheet HTML 1Page - List of Unclassifed Manufacturers IDT77950 Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT77950 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
April 3, 2001
 2001 Integrated Device Technology, Inc.
DSC 6004
SwitchStarTM Reference Design Using the
IDT77V400 Switching Memory and
IDT77V500 Switch Controller
)
))
)H
HH
HD
DD
DWX
WX
WX
WXUUUUHV
HV
HV
HV
x Complete ATM switch with up to eight ports at 155Mbps
each (1.24Gbps non-blocking aggregate bandwidth)
x Intended for Engineering/Lab use to evaluate and perform
design/software development for the IDT77V400 and
IDT77V500
x Call setup function and signaling performed by external PC
connected to port 7.
x Software (http://www.idt.com/products/pages/ATM-77950.html)
IDT SwitchBIOS to configure and initialize switch
–SARWIN II
x Basic configuration includes three IDT77955 line cards to
equip two transmit/receive ports plus the control/signalling
port
x Supports features of the IDT77V400 and IDT77V500
SwitchStarTM products
x IDT77955 Line Cards available for additional switch ports
x Can be used with ATM traffic generators or individual
transmit/receive PCs
x Utilizes IDT77V550 Switch Manager, IDT77010 DPI-to-
UTOPIA Translation Device, and IDT77155 PHY
'H
'H
'H
'HVVVVFULSWLRQ
FULSWLRQ
FULSWLRQ
FULSWLRQ
The IDT77950 is an ATM Reference Design based on IDT's innova-
tive SwitchStar products, the IDT77V400 Switching Memory and the
IDT77V500 Switch Controller. The Switch is made up of two separate
board components: the 7M950 motherboard, which contains the
Switching Fabric function based on IDT's Switching Memory and Switch
Controller, and an individual IDT77955 OC-3 line card for each individual
transmit receive port.
The 1.2 Gbps ATM switch has eight receive and eight transmit ports.
The Switching Fabric, made up of the IDT77V400 and IDT77V500
SwitchStar products, resides on the motherboard. Each individual port
resides on a line card which is interfaced to the motherboard via a Line
Card PCI connector. Up to eight line cards can be connected to the
motherboard, with each line card running at 155 Mbps.
One of the line cards (Port 7) is used for communicating with a
remote PC to configure, read status and perform Signalling, PNNI and
OAM cell handling for the switch. All the necessary software functions
are performed by the remote PC.
)X
)X
)X
)XQ
QQ
QFWLRQDO 'HVFULSW
FWLRQDO 'HVFULSW
FWLRQDO 'HVFULSW
FWLRQDO 'HVFULSWLLLLRQ
RQ
RQ
RQ
M
M
M
Mo
oo
oth
th
th
the
ee
erb
rb
rb
rbo
oo
oa
aa
arrrrd Func
d Func
d Func
d Functi
ti
ti
tio
oo
on
nn
na
aa
alit
lit
lit
lityyyy
The motherboard consists primarily of three devices: the IDT77V400
Switching Memory, the IDT77V500 Switch Controller, and the
IDT77950
,'7
,'7
,'7
,'7 %
%
%
%RD
RD
RD
RDUUUUG /D\RXW
G /D\RXW
G /D\RXW
G /D\RXW
SwitchStar and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
ATM Line Card
ATM Line Card
ATM Line Card
ATM Line Card
ATM Line Card
ATM Line Card
ATM Line Card
ATM Line Card
IDT77155 IDT77010
8inch
8inch
4309 drw 01
IDT77V400
IDT77V500
IDT77V550
DPI
DPI
ATM Switch Card
0
1
6
7
Signalling/Command
Port
(To PC)
155 Mbps
Transceiver
IDT77955OC-3LineCard
IDT77950


Similar Part No. - IDT77950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77950 IDT-IDT77950 Datasheet
65Kb / 3P
   SwitchStarTM Reference Design Using the IDT77V400 Switching Memory and IDT77V500 Switch Controller
More results

Similar Description - IDT77950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77950 IDT-IDT77950 Datasheet
65Kb / 3P
   SwitchStarTM Reference Design Using the IDT77V400 Switching Memory and IDT77V500 Switch Controller
logo
STMicroelectronics
UM0925 STMICROELECTRONICS-UM0925 Datasheet
853Kb / 22P
   Using the M24LR64-R datalogger reference design
logo
Silicon Laboratories
AN611 SILABS-AN611 Datasheet
1Mb / 10P
   USING THE ISOVOLT DC/DC CONVERTER REFERENCE DESIGN
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
CRD42528-2 CIRRUS-CRD42528-2 Datasheet
1Mb / 50P
   Reference Design for the CS49300 and CS42528
logo
List of Unclassifed Man...
IDT77V550 ETC1-IDT77V550 Datasheet
129Kb / 19P
   SwitchStarTM Switch Manager
logo
Renesas Technology Corp
IDT77V550 RENESAS-IDT77V550 Datasheet
326Kb / 20P
   SwitchStarTM Switch Manager
June 22, 2001
logo
STMicroelectronics
AN4031 STMICROELECTRONICS-AN4031 Datasheet
1Mb / 36P
   Using the STM32F2 and STM32F4 DMA controller
logo
Renesas Technology Corp
IDT77V500 RENESAS-IDT77V500 Datasheet
643Kb / 18P
   SwitchStarTM ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
April 11, 2001
logo
Richtek Technology Corp...
RT9480GQW RICHTEK-RT9480GQW Datasheet
657Kb / 7P
   Dual Output Power Bank Reference Design Using RT9480
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com