Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT77V400S156DS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IDT77V400S156DS
Description  SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IDT77V400S156DS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IDT77V400S156DS Datasheet HTML 1Page - List of Unclassifed Manufacturers IDT77V400S156DS Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT77V400S156DS Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT77V400S156DS Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT77V400S156DS Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT77V400S156DS Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT77V400S156DS Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT77V400S156DS Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT77V400S156DS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5 of 26
March 31, 2001
IDT77V400
Package Diagram
Package Diagram
Package Diagram
Package Diagram(1,2,3)
(1,2,3)
(1,2,3)
(1,2,3) BC256-1 BGA
BC256-1 BGA
BC256-1 BGA
BC256-1 BGA
Note: 1. All VCC pins must be connected to power supply.
2. All VSS pins must be connected to ground supply.
3. Package body is approximately 17mm x 17mm x 1.4mm.
E16
IP7D0
D16
IP5D0
C16
IP3D3
B16
IP3D1
A16
IP3D0
A15
IP1D1
B15
IP1D3
C15
IP3D2
D15
IP5D1
E15
IP5D3
E14
IP7D1
D14
IP5D2
D13
VCC
C12
ICLK5
C14
IP1D2
B14
IP1D0
A14
RESET
A12
ICLK4
B12
ICLK3
C11
IFRM0
D12
VCC
D11
VCC
C10
IFRM3
B11
ICLK6
A11
ICLK7
D8
VCC
C8
IFRM7
A9
IFRM4
D9
VCC
C9
IFRM6
B9
IFRM5
D10
VCC
C7
IP0D1
B8
IP0D2
A8
IP0D3
B13
ICLK0
A13
ICLK1
A10
IFRM2
D7
VCC
B7
IP2D3
A7
IP0D0
B6
IP2D0
C6
IP2D2
D6
VCC
A5
IP4D2
B5
IP4D1
C5
IP4D3
D5
VCC
A4
IP6D3
B4
IP6D2
C4
IP4D0
D4
VCC
A3
IP6D1
B3
IP6D0
C3
IOD0
D3
IOD5
D2
IOD4
C2
IOD3
B2
SBYTE
A2
C RCE RR
A1
ABYTE
B1
IOD1
C1
IOD2
D1
IOD6
E1
IOD8
E2
IOD7
E3
IOD9
E4
VCC
F1
IOD11
F2
IOD10
F3
IOD12
F4
VCC
G1
IOD14
G2
IOD13
G3
IOD15
G4
VCC
H1
IOD17
H2
IOD16
H3
IOD18
H4
VCC
J1
IOD20
J2
IOD21
J3
IOD19
J4
VCC
K1
IOD23
K2
IOD24
K3
IOD22
K4
VCC
L1
IOD26
L2
IOD27
L3
IOD25
L4
VCC
M1
IOD29
M2
IOD30
M3
IOD28
M4
VCC
N1
OP0D3
N2
OP0D2
N3
IOD31
N4
VCC
P1
OP0D1
P2
OP0D0
P3
NC
P4
OP2D0
R1
NC
R2
NC
R3
OP2D3
R4
OP2D1
T1
NC
T2
NC
T3
OP2D2
T4
OP4D3
P5
OP4D0
R5
OP4D2
P12
OCLK6
P8
OFRM4
P9
OFRM5
R8
OFRM2
T8
OFRM3
P10
OCLK0
T11
OCLK4
P11
OCLK3
R12
CT L E N
T12
OCLK7
P13
OE
P7
OFRM1
R13
OP7D3
T13
OP7D2
R6
OP6D3
T5
OP4D1
T14
OP7D1
R14
OP7D0
P14
NC
P15
OP5D3
R15
NC
T15
NC
T16
NC
R16
NC
P16
OP5D2
N16
OP3D3
N15
OP5D1
N14
OP5D0
M16
OP3D0
M15
OP3D2
M14
OP3D1
L16
OP1D1
L15
OP1D3
L14
OP1D2
K16
ADDR1
K15
OP1D0
K14
ADDR0
J16
ADDR3
J15
ADDR2
J14
SCLK
H16
CMD1
H15
CMD2
H14
CMD0
G16
CMD4
G15
CMD5
G14
CMD3
F16
IP7D3
F14
CS
F15
IP7D2
R9
OFRM7
R11
OCLK5
T6
OP6D2
T9
OFRM6
A6
IP2D1
B10
IFRM1
C13
ICLK2
P6
OP6D1
R10
OCLK2
R7
OP6D0
T10
OCLK1
T7
OFRM0
E5
VCC
E6
VCC
E7
VSS
E8
VSS
E9
VSS
E10
VSS
E11
VCC
E12
VCC
E13
VCC
F5
VCC
F6
VSS
F8
VSS
F9
VSS
F10
VSS
F12
VCC
F13
VCC
G5
VSS
G6
VSS
G7
VSS
G8
VSS
G9
VSS
G10
VSS
G11
VSS
G12
VSS
G13
VCC
H5
VSS
H6
VSS
H7
VSS
H8
VSS
H9
VSS
H10
VSS
H11
VSS
H12
VSS
H13
VCC
J5
VSS
J6
VSS
J7
VSS
J8
VSS
J9
VSS
J10
VSS
J11
VSS
J12
VSS
J13
VCC
K5
VSS
K6
VSS
K7
VSS
K8
VSS
L5
VCC
L6
VSS
L7
VSS
L8
VSS
M5
VCC
M6
VCC
M7
VSS
M8
VSS
N5
VCC
N6
VCC
N7
VCC
N8
VCC
K9
VSS
K10
VSS
K11
VSS
K12
VSS
L9
VSS
L10
VSS
L11
VSS
L12
VCC
M9
VSS
M10
VSS
M11
VCC
M12
VCC
N9
VCC
N10
VCC
N11
VCC
N12
VCC
K13
VCC
L13
VCC
M13
VCC
N13
VCC
F7
VSS
F11
VSS
3606 drw 04a
,


Similar Part No. - IDT77V400S156DS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V400S156DS RENESAS-IDT77V400S156DS Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V400S156DSI RENESAS-IDT77V400S156DSI Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
More results

Similar Description - IDT77V400S156DS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V400 RENESAS-IDT77V400 Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V500 RENESAS-IDT77V500 Datasheet
643Kb / 18P
   SwitchStarTM ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
April 11, 2001
logo
Integrated Device Techn...
IDT77V500 IDT-IDT77V500 Datasheet
458Kb / 17P
   SwitchStar ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
logo
JFW Industries, Inc.
50MS-300 JFW-50MS-300_18 Datasheet
32Kb / 2P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-252 JFW-50MS-252 Datasheet
27Kb / 1P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-288 JFW-50MS-288_18 Datasheet
32Kb / 2P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-335 JFW-50MS-335_18 Datasheet
32Kb / 2P
   8 X 16 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-299 JFW-50MS-299_18 Datasheet
32Kb / 2P
   8 X 4 NON-BLOCKING SOLID STATE MATRIX SWITCH
75MS-029 JFW-75MS-029 Datasheet
37Kb / 2P
   2 x 8 BLOCKING SWITCH MATRIX
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com