Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2625CGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2625CGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2625CGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2625CGN Datasheet HTML 2Page - Linear Technology LTC2625CGN Datasheet HTML 3Page - Linear Technology LTC2625CGN Datasheet HTML 4Page - Linear Technology LTC2625CGN Datasheet HTML 5Page - Linear Technology LTC2625CGN Datasheet HTML 6Page - Linear Technology LTC2625CGN Datasheet HTML 7Page - Linear Technology LTC2625CGN Datasheet HTML 8Page - Linear Technology LTC2625CGN Datasheet HTML 9Page - Linear Technology LTC2625CGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC2605/LTC2615/LTC2625
2605f
LTC2625
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2605
Settling to
±1LSB
Settling of Full-Scale Step
5
µs/DIV
2605 G08
VOUT
100
µV/DIV
SCR
2V/DIV
SETTLING TO
±1LSB
VCC = 5V, VREF = 4.096V
CODE 512 TO 65535 STEP
AVERAGE OF 2048 EVENTS
12.3
µs
9TH CLOCK OF
3RD DATA BYTE
LTC2615
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Settling to
±1LSB
Settling to
±1LSB
CODE
0
4096
8192
12288
16383
2605 G09
8
6
4
2
0
–2
–4
–6
–8
VCC = 5V
VREF = 4.096V
CODE
0
4096
8192
12288
16383
2605 G10
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
2
µs/DIV
2605 G11
VOUT
100
µV/DIV
SCL
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
8.9
µs
9TH CLOCK
OF 3RD DATA
BYTE
CODE
0
1024
2048
3072
4095
2605 G12
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
VCC = 5V
VREF = 4.096V
CODE
0
1024
2048
3072
4095
2605 G13
VCC = 5V
VREF = 4.096V
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
2
µs/DIV
2605 G14
VOUT
1mV/DIV
SCL
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
6.8
µs
9TH CLOCK
OF 3RD DATA
BYTE
2
µs/DIV
2605 G07
VOUT
100
µV/DIV
SCL
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
9.7
µs
9TH CLOCK
OF 3RD DATA
BYTE


Similar Part No. - LTC2625CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2625CGN-1PBF LINER-LTC2625CGN-1PBF Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2625CGN-1TRPBF LINER-LTC2625CGN-1TRPBF Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2625CGNPBF LINER-LTC2625CGNPBF Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2625CGNTRPBF LINER-LTC2625CGNTRPBF Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results

Similar Description - LTC2625CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_09 Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2604 LINER-LTC2604 Datasheet
389Kb / 16P
   Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com