Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6300AKSO8A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A6300AKSO8A
Description  High Efficiency Linear Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6300AKSO8A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  A6300AKSO8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6300AKSO8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6300AKSO8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6300AKSO8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6300AKSO8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6300AKSO8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6300AKSO8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6300AKSO8A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
A6300
Package Information
Dimensions of 8-Pin SOIC Package
Min Nom Max
A
1.35 1.63 1.75
A1 0.10 0.15 0.25
B
0.33 0.41 0.51
C
0.19 0.20 0.25
D
4.80 4.94 5.00
E
3.80 3.94 4.00
e
1.27
H
5.80 5.99 6.20
L
0.40 0.64 1.27
2
3
4
5
6
7
8
H
L
0 - 8°
C
E
A1
A
B
e
D
Dimensions in mm
Fig. 7
Dimensions of 8-Pin Plastic DIP Package
A1 A2 A
L
e
b2
eB
eA
C
b3
b
E
Dimensions in mm
1
2
3
4
5
6
7
8
Min. Nom. Max.
Min. Nom. Max.
A
5.33
D
9.01 9.27 10.16
A1
0.38
E
7.62 7.87 8.25
A2
2.92 3.30 4.95
E1
6.09 6.35 7.11
b
0.35 0.45 0.56
e
2.54
b2
1.14 1.52 1.78
eA
7.62
b3
0.76 0.99 1.14
eB
10.92
C
0.20 0.25 0.35
L
2.92 3.30 3.81
E1
Fig. 8


Similar Part No. - A6300AKSO8A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE3R-XXA AITSEMI-A6300AE3R-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE3VR-XXA AITSEMI-A6300AE3VR-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE5R-XXA AITSEMI-A6300AE5R-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE5VR-XXA AITSEMI-A6300AE5VR-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results

Similar Description - A6300AKSO8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
CUI INC
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
   linear power supply
EPA090050-S-T-SZ CUI-EPA090050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
EPA120100-S-T-SZ CUI-EPA120100-S-T-SZ Datasheet
750Kb / 7P
   linear power supply
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
   linear power supply
EPA090100-S-T-SZ CUI-EPA090100-S-T-SZ Datasheet
749Kb / 7P
   linear power supply
EPA240050-S CUI-EPA240050-S Datasheet
742Kb / 7P
   linear power supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com