Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1351-S6 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT1351-S6
Description  2-CHANNEL SWITCHING REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1351-S6 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT1351-S6 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 6 of 16
V1.0
AAT1351
ELETRICAL CHARACTERISTICS,
DD
V
= 6.0V (UNLESS OTHERWISE
SPECIFIED) (SEE NOTE 1) (CONT.)
DEAD-TIME CONTROL & PWM
PARAMETER
TEST CONDITION
MIN
TYP MAX UNIT
Input Bias Current
IB
I
DTC
V
= 2V
-
0.1
1.0
µA
0
d
V
Duty = 0%,
OSC
f
= 10kHz
1.79
1.97
2.15
Input Threshold Voltage
(DTC)
100
d
V
Duty = 100%,
OSC
f
= 10kHz
1.32
1.48
1.64
V
Latch Input Voltage
DTC
V
IDT = 40µA
2.28
2.48
-
V
Latch Mode Source Current
DTC
I
DTC1, DTC2=0V
560
200
-
A
µ
OUTPUT STAGE
PARAMETER
TEST CONDITION
MIN
TYP MAX UNIT
Saturation Voltage
SAT
V
IO = 75mA(CH1, CH2)
-
0.8
1.2
V
Leakage Current
LEAK
I
O
V =14.0V
-
-
5
A
µ
OPERATING CURRENT
PARAMETER
TEST CONDITION
MIN
TYP MAX UNIT
OFF
DD
I
Output “OFF” State
-
1.3
1.8
mA
Supply Current
ON
DD
I
= k
10
R
OSC
-
1.6
2.4
mA


Similar Part No. - AAT1351-S6

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1351 AAT-AAT1351 Datasheet
202Kb / 16P
   2-CHANNEL SWITCHING REGULATOR
More results

Similar Description - AAT1351-S6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT1341 ETC-AAT1341 Datasheet
186Kb / 16P
   2-CHANNEL SWITCHING REGULATOR
logo
Advanced Analog Technol...
AAT1343 AAT-AAT1343 Datasheet
195Kb / 14P
   2-CHANNEL SWITCHING REGULATOR
AAT1341 AAT-AAT1341 Datasheet
186Kb / 16P
   2-CHANNEL SWITCHING REGULATOR
AAT1351 AAT-AAT1351 Datasheet
202Kb / 16P
   2-CHANNEL SWITCHING REGULATOR
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
   2-Channel Switching Regulator Controller
logo
Rohm
BA9743AFV ROHM-BA9743AFV Datasheet
107Kb / 5P
   2-channel switching regulator controller
BD9853FV ROHM-BD9853FV Datasheet
370Kb / 6P
   2 Channel Switching Regulator Controller
BA9744FV ROHM-BA9744FV Datasheet
107Kb / 5P
   2-channel switching regulator controller
logo
ON Semiconductor
LV5744V ONSEMI-LV5744V Datasheet
81Kb / 6P
   2-channel Step-down Switching Regulator
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com