Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

828H8L-6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 828H8L-6
Description  2 X 2 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

828H8L-6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  828H8L-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 828H8L-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 828H8L-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 828H8L-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 828H8L-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 828H8L-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 828H8L-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 828H8L-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 828H8L-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1.0 Hz to 102.4 kHz
8-Bit Programmable
828 Series
2" x 2"
8-Pole Filters
Description
The 828 Series are digitally programmable low-pass
and high-pass active filters that are tunable over a
256:1 frequency range. 828 filters are available with
any one of five standard factory-set tuning ranges or
8-bit custom ranges from 1.0 Hz to 102.4 kHz.
These units contain 8 CMOS logic inputs.
All 828 Series models are convenient, low profile,
easy to use fully finished filters which require no
external components or adjustments. They feature
low harmonic distortion, and near theoretical phase
and amplitude characteristics.
828 filters operate
from non-critical ± 12 to ± 18 Vdc power supplies,
have a 10 k
Ω (min.) input and a 10 Ω (max.) output
impedance.
Features/Benefits:
Compact 2" x 2" design minimizes board space
requirements.
Low harmonic distortion and wide signal-to-noise
ratio to 16 bit resolution.
Digitally programmable corner frequency allows
selecting cut-off frequencies specific to each
application.
Plug-in
ready-to-use,
reducing
engineering
design and manufacturing cycle time.
• Factory-set tuning range, no external clocks or
adjustments needed
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.
Applications
• Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
Sound and vibration testing
• Real and compressed time data analysis
• Noise elimination
• Signal reconstruction
Programmable Specifications:. . . . . . . . . . . . . Page
Digital Tuning & Control . . . . . . . . . . . . . . . . . . . . . 2
Available Low-Pass Models: . . . . . . . . . . . . . . . . . .
828L8B
8-pole Butterworth . . . . . . . . . . . . . . . . . 3
828L8E
8-pole, 6 zero elliptic, 1.77 (-80dB) . . . . 3
828L8EX 8-pole, 6 zero elliptic, 1.56 (-80dB) . . . . 3
828L8EY 8-pole, 6 zero elliptic, 2.00 (-100dB) . . . 3
828L8L
8-pole Bessel. . . . . . . . . . . . . . . . . . . . . 4
828L8D60 8-pole constant delay (-60dB) . . . . . . . . 4
828L8D80 8-pole constant delay (-80dB) . . . . . . . . 4
828L8D10 8-pole constant delay (-100dB) . . . . . . . . 4
Available High-Pass Models: . . . . . . . . . . . . . . . . . .
828H8B
8-pole Butterworth . . . . . . . . . . . . . . . . . 5
828H8E
8-pole, 6 zero elliptic, 1.77 (-80dB) . . . . . 5
828H8EX 8-pole, 6 zero elliptic, 1.56 (-80dB) . . . . . 5
828H8EY 8-pole, 6 zero elliptic, 2.00 (-100dB) . . . . 5
General Specifications:
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . 6
Pin-out/package data . . . . . . . . . . . . . . . . . . . . . . . . 6


Similar Part No. - 828H8L-6

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
828H8L-6 FREQUENCYDEVICES-828H8L-6 Datasheet
569Kb / 19P
   2" x 2" 8-Pole Filters
More results

Similar Description - 828H8L-6

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
828L8B-2 FREQUENCYDEVICES-828L8B-2 Datasheet
569Kb / 19P
   2" x 2" 8-Pole Filters
logo
List of Unclassifed Man...
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
858L8B ETC1-858L8B Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
D828L8B-2 FREQUENCYDEVICES-D828L8B-2 Datasheet
711Kb / 18P
   2" x 2" Differential Input 8-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
D824L8B-2 FREQUENCYDEVICES-D824L8B-2 Datasheet
539Kb / 13P
   2" x 2" Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com