Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4DS-35FS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # D4DS-35FS
Description  Safety-Door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D4DS-35FS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  D4DS-35FS Datasheet HTML 1Page - List of Unclassifed Manufacturers D4DS-35FS Datasheet HTML 2Page - List of Unclassifed Manufacturers D4DS-35FS Datasheet HTML 3Page - List of Unclassifed Manufacturers D4DS-35FS Datasheet HTML 4Page - List of Unclassifed Manufacturers D4DS-35FS Datasheet HTML 5Page - List of Unclassifed Manufacturers D4DS-35FS Datasheet HTML 6Page - List of Unclassifed Manufacturers D4DS-35FS Datasheet HTML 7Page - List of Unclassifed Manufacturers D4DS-35FS Datasheet HTML 8Page - List of Unclassifed Manufacturers D4DS-35FS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
D4DS
5
J
OPERATING CHARACTERISTICS
1-Conduit/2-Conduit Models
Model
D4DS-jjjS
Operating force (extraction)
14.71 N
Release force (insertion)
29.42 N
Pretravel
6±3mm
Total travel (reference value)
28 mm
Min. positive opening force (see note)
58.84 N
Min. positive opening stroke (see note)
10 mm
Note: Make sure that the positive opening stroke is at least 16 mm in order to use the D4DS safely.
Nomenclature
Operation Key
The dedicated key prevents operational mistakes and forci-
bly separates the contacts.
Head
The head can be mounted in four directions. The Opera-
tion Key can be inserted in five directions including the
downward direction.
Cover
Thecover, withahingeonits lower part, canbeopened
by removing the screw of the cover, which ensures ease
of maintenance and wiring.
Built-in Switch
Has a positive opening mechanism which forcibly separates
the NC contacts even if they are welded.
The built-in switch incorporates a pair each of NC contacts
and NO contacts or two pairs of NC contacts.
Conduit
Wide switch variations.
Pg13.5:
1-conduit, 2-conduit models
G1/2:
1-conduit, 2-conduit models
1/2-14NPT: 1-conduit models
Oil Seal
The plunger has an O ring. The switch casing ensures
IP65 (except the keyhole, which ensures IP00). Use the
D4DS in places where the keyhole is free from oil and
metal chips.
Note: The housing and head of the D4DS are made of synthetic resin.
If high mechanical durability is required, use the D4BS Safety
Door Switch.
勝特力科技
886-3-5753170
百年電子
86-755-83289224
Http://www.100y.com.tw


Similar Part No. - D4DS-35FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4DS-K1 OMRON-D4DS-K1 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4DS-K2 OMRON-D4DS-K2 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4DS-K3 OMRON-D4DS-K3 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4DS-K5 OMRON-D4DS-K5 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4DS-35FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
D3DC OMRON-D3DC Datasheet
529Kb / 6P
   Miniature Door Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
   Miniature Door Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com